Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL-USB-LITE Datasheet(PDF) 4 Page - Lascar Electronics

Part # EL-USB-LITE
Description  Temperature Data Logger with LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics

EL-USB-LITE Datasheet(HTML) 4 Page - Lascar Electronics

  EL-USB-LITE Datasheet HTML 1Page - Lascar Electronics EL-USB-LITE Datasheet HTML 2Page - Lascar Electronics EL-USB-LITE Datasheet HTML 3Page - Lascar Electronics EL-USB-LITE Datasheet HTML 4Page - Lascar Electronics EL-USB-LITE Datasheet HTML 5Page - Lascar Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIMENSIONS
All dimensions in mm (inches)
EL-USB-1-LCD
Temperature Data Logger with LCD
119.5 (4.7)
www.lascarelectronics.com
BATTERY REPLACEMENT
We recommend that you replace the battery every 12 months, or prior to logging critical data.
The EL-USB-1-LCD does not lose its stored readings when the battery is discharged or when the battery is replaced; however, the data logging
process will be stopped and cannot be re-started until the battery has been replaced and the logged data has been downloaded to a PC.
Only use 3.6V 1/2AA lithium batteries. Check with your supplier that the battery you are ordering is ‘press fit’ and is not fitted with solder tags.
Before replacing the battery, remove the EL-USB-1-LCD from the PC.
Note:
Leaving the EL-USB-1-LCD plugged into the USB port for longer than necessary will cause some of the battery capacity to be lost.
WARNING
Handle lithium batteries carefully, observe warnings on battery casing. Dispose of in accordance with local regulations.
Specifications liable to change without prior warning
Issue 3
03/2011
S.L
Applies to EL-USB-1-LCD
Page 4 of 5
MEASUREMENT ACCURACY
± 0.0
± 0.5
± 1.0
± 1.5
± 2.0
-40
-20
0
20
40
60
80
± 0.0
± 0.5
± 1.0
± 1.5
-35
0
50
80
Temperature (°C)
± 0
± 2
± 4
± 6
± 8
± 10
0
10 20 30 40 50 60 70 80 90 100
Relative Humidity (%RH)
Maximal RH-accuracy at 25°C per sensor type
± 0.0
± 0.5
± 1.0
± 1.5
± 2.0
± 2.5
± 3.0
-40
-20
0
20
40
60
80
Temperature (°C)
Maximal T-accuracy per sensor type
EL-USB-2-LCD
EL-USB-2+
EL-USB-2-LCD+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com