Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL-USB-RT Datasheet(PDF) 1 Page - Lascar Electronics

Part # EL-USB-RT
Description  Temperature Data Logger with LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics

EL-USB-RT Datasheet(HTML) 1 Page - Lascar Electronics

  EL-USB-RT Datasheet HTML 1Page - Lascar Electronics EL-USB-RT Datasheet HTML 2Page - Lascar Electronics EL-USB-RT Datasheet HTML 3Page - Lascar Electronics EL-USB-RT Datasheet HTML 4Page - Lascar Electronics EL-USB-RT Datasheet HTML 5Page - Lascar Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EL-USB-1-LCD
Temperature Data Logger
with LCD
Specifications liable to change without prior warning
Issue 3
03/2011
S.L
Applies to EL-USB-1-LCD
Page 1 of 5
FEATURES
• -35 to +80°C (-31 to +176°F) measurement range
• USB interface for set-up and data download
• User-programmable alarm thresholds
• Status indication via red, green and orange LEDs
• High contrast LCD, with two and a half digit temperature
display function
• Immediate, delayed and push-to-start logging
• Supplied with replaceable internal lithium battery and
Windows control software
ORDERING INFORMATION
Standard Data Logger
(Data Logger, Software on
CD, Battery)
Replacement Battery
EL-USB-1-LCD
BAT 3V6 1/2AA
www.lascarelectronics.com
This standalone data logger measures and stores up to 16,378 temperature readings over a -35 to +80°C (-31 to +176°F) range. The user
can easily set up the logging rate and start-time, and download the stored data by plugging the data logger into a PC’s USB port and running
the purpose designed software under Windows 2000, XP, Vista, and 7. Data can then be graphed, printed and exported to other applications.
The high contrast LCD can show a variety of temperature information. At the touch of a button, the user can cycle between the current,
maximum and minimum stored temperatures. The data logger is supplied complete with a long-life lithium battery, which can typically allow
logging for up to 1 year. The data logger is protected against moisture to IP67 standard when the protective cap is fitted.
* At 25
°C and 1 minute logging rate
Specifications
Minimum
Typical
Maximum
Unit
Measurement range
-35 (-31)
+80 (+176)
°C (°F)
Internal resolution
0.5 (1)
°C (°F)
Accuracy (overall error)
±0.5 (±1)
±1.5 (±3)
°C (°F)
Logging rate
every 10s
every 12hr
-
Operating temperature range
-35 (-31)
+80 (+176)
°C (°F)
1/2AA 3.6V Lithium Battery life
1*
Year
Lascar’s EasyLog USB control software is supplied free of charge with each data logger. Easy to install and use, the control software runs
under Windows 2000, XP, Vista & 7. The software is used to set-up the data logger as well as download, graph and export data to Excel.
EL-WIN-USB (CONTROL SOFTWARE)
The software allows the following parameters to be configured:
• Logger name
• °C, °F
• Logging rate (10s, 1m, 5m, 30m, 1hr, 6hr, 12hr)
• High and low alarms
• Immediate, delayed and push-to-start logging
• Display off, on for 30 seconds after button press, or permanently on
• Data rollover (allows unlimited logging periods by overwriting the oldest
data when the memory is full)
The latest version of the control software may be downloaded free of charge from www.lascarelectronics.com


Similar Part No. - EL-USB-RT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL-USB-TC ETC2-EL-USB-TC Datasheet
951Kb / 3P
Thermocouple Data Logger with USB Interface
More results

Similar Description - EL-USB-RT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
logo
NXP Semiconductors
NHS3100 NXP-NHS3100 Datasheet
1Mb / 41P
Temperature logger
Rev. 4-5 September 2016
logo
TT Electronics.
DS6001 TTELEC-DS6001 Datasheet
335Kb / 2P
Single Channel ?쏝utton??Temperature Data Logger
DS6002 TTELEC-DS6002 Datasheet
312Kb / 2P
In-Transit Temperature Data Logger
logo
Maxim Integrated Produc...
MAX66960 MAXIM-MAX66960 Datasheet
267Kb / 4P
-80C Temperature Data Logger with External Thermistor Probe
Rev 1; 1/17
logo
Vaisala
DL1000-1400 VAISALA-DL1000-1400 Datasheet
981Kb / 4P
DL1000-1400 Temperature Data Logger
DL2000 VAISALA-DL2000 Datasheet
678Kb / 2P
DL2000 Temperature and RH Data Logger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com