Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL-USB-1-LCD. Datasheet(PDF) 5 Page - Lascar Electronics

Part # EL-USB-1-LCD.
Description  Temperature Data Logger with LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics

EL-USB-1-LCD. Datasheet(HTML) 5 Page - Lascar Electronics

  EL-USB-1-LCD. Datasheet HTML 1Page - Lascar Electronics EL-USB-1-LCD. Datasheet HTML 2Page - Lascar Electronics EL-USB-1-LCD. Datasheet HTML 3Page - Lascar Electronics EL-USB-1-LCD. Datasheet HTML 4Page - Lascar Electronics EL-USB-1-LCD. Datasheet HTML 5Page - Lascar Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.lascarelectronics.com
www.lascarelectronics.com
EL-USB-1-LCD
Temperature Data Logger with LCD
THE EASYLOG USB RANGE
Each EL-USB data logger features the direct-to-USB connection and easy-to-use functionality that the range is known for. The range
comprises of the following data loggers:
Module House
Whiteparish, Salisbury
Wiltshire SP5 2SJ
UK
T +44 (1794) 884567
F +44 (1794) 884616
E sales@lascar.co.uk
4258 West 12th Street
Erie
PA 16505
USA
T +1 (814) 835 0621
F +1 (814) 838 8141
E us-sales@lascarelectronics.com
8th Floor, China Aerospace Centre
143 Hoi Bun Road
Kwun Tong, Kowloon
HONG KONG
T +852 2797 3219
F +852 2343 6187
E saleshk@lascar.com.hk
Specifications liable to change without prior warning
Issue 3
03/2011
S.L
Applies to EL-USB-1-LCD
Page 5 of 5
*Depending on logging rate, ambient temperature, and use of alarm LED
Part No
Function
Range
Accuracy (overall error)
Typ.
Max.
Readings Battery
Battery Life*
EL-USB-1
Temperature
-35 to +80°C (-31 to +176°F)
±1ºC (±2ºF)
16,382
3.6V ½AA
1 Year
EL-USB-1-LCD
Temperature with LCD
-35 to +80°C (-31 to +176°F)
±0.5ºC (±1ºF)
±1.5ºC (±3ºF)
16,382
3.6V ½AA
1 Year
EL-USB-1-PRO
High Temperature
-40 to +125°C (-40 to +257°F)
±0.2ºC (±0.4ºF)
±0.5ºC (±1ºF)
32,510
3.6V ⅔AA
3 years
EL-USB-1-RCG
Temperature with
rechargeable battery
-20 to +60°C (-4 to +140°F)
±1ºC (±2ºF)
32,510
Lithium Ion
1 month
(rechargeable)
EL-USB-2
Temperature, humidity &
dew point
-35 to +80°C (-31 to +176°F)
0 to 100%RH
±0.5ºC (±1ºF)
±3%RH
±2ºC (±4ºF)
±6.0%RH
16,382
3.6V ½AA
1 year
EL-USB-2+
Increased accuracy
temperature, humidity &
dew point
-35 to +80°C (-31 to +176°F)
0 to 100%RH
±0.3ºC (±0.6ºF)
±2.0%RH
±1.5ºC (±3ºF)
±4.0%RH
16,382
3.6V ½AA
1 year
EL-USB-2-LCD
Temperature, humidity &
dew point with LCD
-35 to +80°C (-31 to +176°F)
0 to 100%RH
±0.5ºC (±1ºF)
±3.0%RH
±2ºC (±4ºF)
±6.0%RH
16,379
3.6V ½AA
1 year
EL-USB-2-LCD+
Increased accuracy tem-
perature, humidity & dew
point with LCD
-35 to +80°C (-31 to +176°F)
0 to 100%RH
±0.3ºC (±0.6ºF)
±2.0%RH
±1.5ºC (±3ºF)
±4.0%RH
16,379
3.6V ½AA
1 year
EL-USB-3
Voltage
0 to 30V d.c.
±1%
32,510
3.6V ½AA
1 year
EL-USB-4
Current loop
4 to 20mA
±1%
32,510
3.6V ½AA
1 year
EL-USB-5
Counter, Event & State
N/A
±3 secs/24 hrs
32,510
3.6V ½AA
1 year
EL-USB-TC
Thermocouple (J, K and T-
type) K-type probe included
-200 to +1350ºC (-328 to +2462ºF) (K-type)
-200 to +1190ºC (-328 to +2174ºF) (J-type)
-200 to +390ºC (-328 to +734ºF) (T-type)
±1ºC (±2ºF)
32,510
3.6V ½AA
6 months
EL-USB-TC-LCD
Thermocouple with LCD (J,
K and T-type) K-type probe
included
-200 to +1350ºC (-328 to +2462ºF) (K-type)
-200 to +1190ºC (-328 to +2174ºF) (J-type)
-200 to +390ºC (-328 to +734ºF) (T-type)
±1ºC (±2ºF)
32,510
3.6V ½AA
6 months
EL-USB-CO
Carbon monoxide
0 to 1000ppm NOT A LIFE SAVING DEVICE
±6ppm
32,510
3.6V ½AA
3 months
EL-USB-CO300
Carbon monoxide
0 to 300ppm NOT A LIFE SAVING DEVICE
±4ppm
32,510
3.6V ½AA
3 months
EL-USB-LITE
Low cost temperature
-10°C to +50°C (+14 to +122°F)
±1ºC (±2ºF)
4,080
CR1620
Lithium coin cell
1 month
EL-USB-RT
Real-time temperature &
humidity monitor
-20 to +70°C (-4 to +158°F)
±1.5ºC (±3ºF)
±4.5%RH
7 days
N/A
N/A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com