Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH302 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH302
Description  NPN-Silizium-Fototransistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH302 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH302 Datasheet HTML 1Page - OSRAM GmbH SFH302 Datasheet HTML 2Page - OSRAM GmbH SFH302 Datasheet HTML 3Page - OSRAM GmbH SFH302 Datasheet HTML 4Page - OSRAM GmbH SFH302 Datasheet HTML 5Page - OSRAM GmbH SFH302 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2001-02-22
4
SFH 302
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen Ziffern
gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished by
arabian figures.
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
-2
-3
-4
-5
-6
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
E
v = 1000 Ix,
Normlicht/standard light A
V
CE = 5 V
I
PCE
I
PCE
0.4 … 0.8
1.75
0.63 … 1.25
2.8
1 … 2
4.5
1.6 … 3.2
7.1
≥ 2.5
9.5
mA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
911
14
17
20
µs
Kollektor-Emitter-
Sättigungsspannung
Collector-emitter saturation
voltage
I
C = IPCEmin
1)
× 0.3,
E
e = 0.5 mW/cm
2
V
CEsat
200
200
200
200
200
mV
Stromverstärkung
Current gain
E
e = 0.5 mW/cm
2, V
CE = 5 V
140
230
360
570
750
–
1)
IPCEmin ist der minimale Fotostrom der jeweiligen Gruppe.
1)
IPCEmin is the min. photocurrent of the specified group.
IPCE
IPCB
-----------



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com