Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX48N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX48N60P
Description  PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX48N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX48N60P Datasheet HTML 1Page - IXYS Corporation IXFX48N60P Datasheet HTML 2Page - IXYS Corporation IXFX48N60P Datasheet HTML 3Page - IXYS Corporation IXFX48N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
DS99375E(02/06)
PolarHVTM HiPerFET
Power MOSFET
V
DSS
=
600 V
I
D2
=48
A
R
DS(on)
≤≤≤≤≤
135m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
200 ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
l International standard packages
l Fast recovery diode
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
600
V
V
GS(th)
V
DS = VGS, ID = 8 mA
3.0
5.0
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±200
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125° C
1000
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
135
m
Ω
Pulse test, t
≤300 µs, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25° C to 150° C
600
V
V
DGR
T
J = 25° C to 150° C; RGS = 1 MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25° C48
A
I
DM
T
C = 25° C, pulse width limited by TJM
110
A
I
AR
T
C = 25° C48
A
E
AR
T
C = 25° C70
mJ
E
AS
T
C = 25° C
2.0
J
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
20
V/ns
T
J ≤150° C, RG = 4 Ω
P
D
T
C = 25° C
830
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque (TO-264)
1.13/10 Nm/lb.in.
Weight
TO-264
10
g
PLUS247
6
g
T
L
1.6 mm (0.062 in.) from case for 10 s
300
° C
T
SOLD
Plastic body for 10 s
260
° C
PLUS247 (IXFX)
(TAB)
G = Gate
D
= Drain
S = Source
Tab = Drain
S
G
D
(TAB)
TO-264 (IXFK)
IXFK 48N60P
IXFX 48N60P


Similar Part No. - IXFX48N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
Advance Technical Information
logo
Inchange Semiconductor ...
IXFX48N60Q3 ISC-IXFX48N60Q3 Datasheet
702Kb / 8P
N-Channel MOSFET Transistor
More results

Similar Description - IXFX48N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN62N50L IXYS-IXTN62N50L Datasheet
136Kb / 2P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTJ4N150 IXYS-IXTJ4N150 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH34N60X2A IXYS-IXFH34N60X2A Datasheet
175Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH60N60X2A IXYS-IXFH60N60X2A Datasheet
156Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFT30N85XHV IXYS-IXFT30N85XHV Datasheet
263Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F160N30T IXYS-MMIX1F160N30T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F180N25T IXYS-MMIX1F180N25T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F230N20T IXYS-MMIX1F230N20T Datasheet
231Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFK150N30P3 IXYS-IXFK150N30P3 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH80N65X2-4 IXYS-IXFH80N65X2-4 Datasheet
188Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com