Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FO-FC-ADM2-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-FC-ADM2-R
Description  Fiber Optic Connector, Type FC/ Conformed to IEC61754-13(JIS C 5970), Zirconia ceramics sleeve, 1 pos., Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-FC-ADM2-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FO-FC-ADM2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FO-FC-ADM2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO-FC-ADM2-R
Features
Fiber Optic Connector, Type FC/ Conformed to IEC61754-13(JIS C 5970), Zirconia ceramics sleeve, 1 pos., Adapter
Part Number
FO-FC-ADM2-R
Status
Active
Number of Positions
1 pos.
Connector Type
Adapter
Shell Material
Copper alloy
Split Sleeve Material
Zirconia ceramics
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Remarks
  
Notice
Product Details
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
1.
Users are requested to provide protection circuits and redundancy circuits to ensure safety of
the equipment, and sufficiently review the suitability of JAE's products to the equipment.
2.


Similar Part No. - FO-FC-ADM2-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FO-FC-ADM1-R JAE-FO-FC-ADM1-R Datasheet
57Kb / 2P
Fiber Optic Connector, Type FC/ Conformed to IEC61754-13(JIS C 5970), Phosphor bronze sleeve, 1 pos., Adapter
More results

Similar Description - FO-FC-ADM2-R

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5527 HP-HFBR-5527 Datasheet
373Kb / 12P
125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
logo
Hirose Electric
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
FC Type Fiber Optic Connectors
logo
Glenair, Inc.
180-072B06-11-2-89 GLENAIR-180-072B06-11-2-89 Datasheet
181Kb / 2P
Fiber Optic Test Adapter
180-102M07-1 GLENAIR-180-102M07-1 Datasheet
174Kb / 1P
Fiber Optic Probe Adapter
180-089B07-11-8PA GLENAIR-180-089B07-11-8PA Datasheet
196Kb / 2P
Fiber Optic Test Adapter
180-118ASR GLENAIR-180-118ASR Datasheet
260Kb / 1P
Fiber Optic Alignment Sleeve Retainer
logo
Molex Electronics Ltd.
1061442100 MOLEX11-1061442100 Datasheet
46Kb / 1P
BLC Adapter Assembly 4 Position, Zirconia, Black Sleeve
1061462100 MOLEX11-1061462100 Datasheet
46Kb / 1P
BLC Adapter Assembly 8 Position, Zirconia, Black Sleeve
logo
Hirose Electric
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
FC Type Fiber Optic Connectors
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com