Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR02C051JA1-R5000 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FR02C051JA1-R5000
Description  FPC Connector, LIF (Low Insertion Force) structure, Top-and-Bottom Surface Connection Type, 51 pos., 0.2 mm Pitch, 0.82 mm Mating Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FR02C051JA1-R5000 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FR02C051JA1-R5000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FR02C051JA1-R5000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FR02C051JA1-R5000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR02C051JA1-R5000
Features
FPC Connector, LIF (Low Insertion Force) structure, Top-and-Bottom Surface Connection Type, 51 pos., 0.2 mm Pitch, 0.82
mm Mating Height
Part Number
FR02C051JA1-R5000
Status
Active
Number of Positions
51 pos.
Contact Pitch
0.2 mm staggered pitch
Rated Current
AC, DC each 0.25 A per terminal
Rated Voltage
AC, DC each 50V per terminal
Connector Type
Top-and-bottom surface connection type
PCB Mounted Height
0.82 mm
ZIF/ Non-ZIF/ LIF
LIF
Applicable FPC Thickness
0.2±0.03 mm
PCB Mounting Method
Soldering (SMT)
Material of Contact
Copper Alloy
Finish of Contact in Connecting
Area
Gold plating over Nickel
Material of Housing
Heat-resisting plastics
Body Length
11.3mm
Product Details


Similar Part No. - FR02C051JA1-R5000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FR02C051JA1-R5000 JAE-FR02C051JA1-R5000 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
More results

Similar Description - FR02C051JA1-R5000

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
logo
Japan Aviation Electron...
FR02C023JA1-R5000 JAE-FR02C023JA1-R5000 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
FR02 JAE-FR02 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
logo
Wurth Elektronik GmbH &...
686108188622 WURTH-686108188622 Datasheet
542Kb / 7P
WR-FPC SMT LIF Horizontal Top Contact
001.003
686109188622 WURTH-686109188622 Datasheet
542Kb / 7P
WR-FPC SMT LIF Horizontal Top Contact
001.003
686110188622 WURTH-686110188622 Datasheet
542Kb / 7P
WR-FPC SMT LIF Horizontal Top Contact
001.003
686116188622 WURTH-686116188622 Datasheet
532Kb / 7P
WR-FPC SMT LIF Horizontal Top Contact
001.003
686118188622 WURTH-686118188622 Datasheet
536Kb / 7P
WR-FPC SMT LIF Horizontal Top Contact
001.003
686126188622 WURTH-686126188622 Datasheet
536Kb / 7P
WR-FPC SMT LIF Horizontal Top Contact
001.003
686128188622 WURTH-686128188622 Datasheet
536Kb / 7P
WR-FPC SMT LIF Horizontal Top Contact
001.003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com