Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4PDT Datasheet(PDF) 1 Page - Multicomp Pro

Part # 4PDT
Description  Toggle Switches Miniature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

4PDT Datasheet(HTML) 1 Page - Multicomp Pro

  4PDT Datasheet HTML 1Page - Multicomp Pro 4PDT Datasheet HTML 2Page - Multicomp Pro 4PDT Datasheet HTML 3Page - Multicomp Pro 4PDT Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
30/04/20
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Contact Rating
: Dependent upon content material
Mechanical Life
: 40,000 make and break cycles
Max. Contact Resistance
: 10mΩ
Initial Voltage
: 2 to 4V DC
Current
: 10mA for both silver and gold plated contacts
Min. Insulation Resistance
: 1,000MΩ
Dielectric Strength
: 1,000Vrms at sea level
Operating Temperature
: -30°C to +85°C
Materials
Case
: Diallyl phthalate (DAP) (UL94v-0).
Actuator
: Brass, chrome plated.
Bushing
: Brass, nickel plated.
Housing
: Stainless steel.
Switch Support
: Brass, tin plated.
Terminal/Contact
: Silver or gold plated.
Pole Options
SPDT
DPDT
Dimensions : Inches (Millimetres)


Similar Part No. - 4PDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4PDT ETC2-4PDT Datasheet
143Kb / 4P
RU Series - General Purpose Relays
logo
Apex Electronics Co., L...
4PDT APEX-ELECTRONICS-4PDT Datasheet
1Mb / 12P
Rocker Switch, multiple contact arrangement
logo
Struthers-Dunn, Inc.
4PDT STRUTHERS-DUNN-4PDT Datasheet
407Kb / 2P
Open Style Power Relay
More results

Similar Description - 4PDT

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com