Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T70C Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1T70C
Description  SINGLE BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T70C Datasheet(HTML) 1 Page - STMicroelectronics

  74V1T70C Datasheet HTML 1Page - STMicroelectronics 74V1T70C Datasheet HTML 2Page - STMicroelectronics 74V1T70C Datasheet HTML 3Page - STMicroelectronics 74V1T70C Datasheet HTML 4Page - STMicroelectronics 74V1T70C Datasheet HTML 5Page - STMicroelectronics 74V1T70C Datasheet HTML 6Page - STMicroelectronics 74V1T70C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74V1T70
SINGLE BUFFER
PRELIMINARY DATA
®
October 1999
s
HIGH SPEED: tPD = 5.5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUT
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1T70 is an advanced high-speed CMOS
SINGLE BUFFER fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology.
The internal circuit is composed of 2 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface 5V to 3V.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODE:
74V1T70S
74V1T70C
S
(SOT23-5L)
C
(SC-70)
1/7


Similar Part No. - 74V1T70C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T77 STMICROELECTRONICS-74V1T77 Datasheet
208Kb / 10P
SINGLE D-TYPE LATCH
Jul-2001
74V1T77CTR STMICROELECTRONICS-74V1T77CTR Datasheet
208Kb / 10P
SINGLE D-TYPE LATCH
Jul-2001
74V1T77STR STMICROELECTRONICS-74V1T77STR Datasheet
208Kb / 10P
SINGLE D-TYPE LATCH
Jul-2001
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1T79CTR STMICROELECTRONICS-74V1T79CTR Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
More results

Similar Description - 74V1T70C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
48Kb / 7P
SINGLE BUFFER
Oct-1999
74V1G70 STMICROELECTRONICS-74V1G70_04 Datasheet
108Kb / 9P
SINGLE BUFFER
Apr-2004
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
Single buffer
Rev. 02-21 May 2007
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
Single Buffer
August, 2012 ??Rev. 1
NL17SH34 ONSEMI-NL17SH34 Datasheet
96Kb / 5P
Single Buffer
September, 2012 ??Rev. 0
NL17SG34 ONSEMI-NL17SG34_14 Datasheet
143Kb / 10P
Single Buffer
March, 2014 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G16 NEXPERIA-74LVC1G16 Datasheet
753Kb / 14P
Single buffer
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
Single buffer
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16_V01 Datasheet
337Kb / 14P
Single Buffer
February, 2021 - Rev. 7
logo
Nexperia B.V. All right...
74LVC1G16-Q100 NEXPERIA-74LVC1G16-Q100 Datasheet
198Kb / 11P
Single buffer
Rev. 2 - 17 January 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com