Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F574DWR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F574DWR
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74F574DWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74F574DWR Datasheet HTML 1Page - Texas Instruments SN74F574DWR Datasheet HTML 2Page - Texas Instruments SN74F574DWR Datasheet HTML 3Page - Texas Instruments SN74F574DWR Datasheet HTML 4Page - Texas Instruments SN74F574DWR Datasheet HTML 5Page - Texas Instruments SN74F574DWR Datasheet HTML 6Page - Texas Instruments SN74F574DWR Datasheet HTML 7Page - Texas Instruments SN74F574DWR Datasheet HTML 8Page - Texas Instruments SN74F574DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN74F574
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SDFS005A – D3034, SEPTEMBER 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VCC =4 5V
IOH = – 1 mA
2.5
3.4
VOH
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
V
VCC = 4.75 V,
IOH = – 1 mA to – 3 mA
2.7
VOL
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
–60
– 150
mA
ICCZ
VCC = 5.5 V,
See Note 2
55
86
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICCZ is measured with OE at 4.5 V and all other inputs grounded.
timing requirements
VCC = 5 V,
TA = 25°C
VCC = 4.5 V to 5.5 V,
TA = MIN to MAX§
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
100
0
100
MHz
t
Pulse duration
CLK high
7
7
ns
tw
Pulse duration
CLK low
6
6
ns
t
Setup time before CLK
↑
Data high
2
2
ns
tsu
Setup time before CLK
↑
Data low
2
2
ns
th
Hold time after CLK
↑
Data high
2
2
ns
th
Hold time after CLK
↑
Data low
2
2
ns
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX §
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
100
100
MHz
tPLH
CLK
Any Q
3.2
6.1
8.5
3.2
10
ns
tPHL
CLK
Any Q
3.2
6.1
8.5
3.2
10
ns
tPZH
OE
Any Q
1.2
8.6
11.5
1.2
12.5
ns
tPZL
OE
Any Q
1.2
4.9
7.5
1.2
8.5
ns
tPHZ
OE
Any Q
1.2
4.9
7
1.2
8
ns
tPLZ
OE
Any Q
1.2
3.9
5.5
1.2
6.5
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com