Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3410-2/3 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH3410-2/3
Description  NPN-Si-Fototransistor mit V貫 Charakteristik
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3410-2/3 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH3410-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH3410-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH3410-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH3410-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH3410-2/3 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SFH 3410
2002-12-18
4
Relative Spectral Sensitivity
S
rel = f (λ)
Collector-Emitter Current
I
CE = f (VCE; EV)
rel
OHF00851
λ
S
400
0
500 600 700 800 900 nm 1100
10
20
30
40
50
60
70
80
%
100
λ
V
CE
OHF00854
I
0
0
A
CE
V
V
µ
1
2
3
4
5
10
20
30
40
50
60
70
80
200 lx
100 lx
20 lx
Photocurrent
I
PCE = f (EV), VCE = 5 V
Photocurrent
I
PCE/IPCE(25
°C) = f (TA)
E
v = 20 lx, VCE = 1 V … 5V
PCE
OHF00852
I
1
1
V
E
A
µ
lx
10
100
1000
10
100
1000
PCE
OHF01024
I
-50
0
A
T
˚C
I
PCE (25 ˚C)
-30
-10
10
30
50
90
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
Collector-Emitter Capacitance
C
CE = f (VCE)
CE
OHF00853
C
0
CE
V
-2
10
10
-1
10
0
10
1
V
2
4
6
8
10
12
14
pF
18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com