Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 7204
Description  PCI 2-Port RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7204 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  7204 Datasheet HTML 1Page - Sealevel Systems, Inc. 7204 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI 2-Port RS-422, RS-485 Serial Interface
The 7204 PCI serial interface provides two serial ports, each individually configurable for RS-422 or RS-485. The board is capable of
data rates to 460.8K bps and automatically handles RS-485 transmitter enable/disable. The 7204 utilizes 16C850 UARTs that provide
128-byte Tx/Rx FIFOs. Ordering options allow the choice of UARTs with support for custom baud rates and 9-bit protocols.
Sealevel’s SeaCOM software makes installation and operation easy using Microsoft Windows and Linux operating systems.
Part: 7204 | Model: Ultra-COMM 2.422
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 7204

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7204 COTO-7204 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Gamewell-FCI by Honeywe...
72041 GAMEWELL-FCI-72041 Datasheet
34Kb / 2P
SERIES CH CHIME STROBES
72042 GAMEWELL-FCI-72042 Datasheet
34Kb / 2P
SERIES CH CHIME STROBES
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
SERIES ET LOW PROFILE SPEAKER STROBES
logo
Whirlpool.
7204362 WHIRLPOOL-7204362 Datasheet
1Mb / 23P
How to install, operate and maintain your Demand Controlled Water Softener
Rev B 6/13/12
More results

Similar Description - 7204

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1601 ADVANTECH-PCI-1601 Datasheet
76Kb / 1P
2-port RS-422/485 PCI Communication Card
PCI-1603 ADVANTECH-PCI-1603 Datasheet
534Kb / 1P
2-port RS-422/485 PCI Communication Card
logo
List of Unclassifed Man...
CPCI-3544 ETC2-CPCI-3544 Datasheet
168Kb / 1P
4-port RS-422/RS-485 Isolated Serial Communications Modules
logo
Advantech Co., Ltd.
PCI-1601A ADVANTECH-PCI-1601A_14 Datasheet
258Kb / 1P
2-port RS-422/485 Universal PCI Communication Card
logo
Moxa Inc.
5200 MOXA-5200 Datasheet
3Mb / 8P
2-port RS-232/422/485 serial device servers
5200A MOXA-5200A Datasheet
3Mb / 7P
2-port RS-232/422/485 serial device servers
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
8-port RS-232/422/485 PCI Express serial boards
CP-118U MOXA-CP-118U Datasheet
979Kb / 5P
8-port RS-232/422/485 Universal PCI serial boards
logo
Advantech Co., Ltd.
PCI-1602 ADVANTECH-PCI-1602 Datasheet
846Kb / 1P
2-port RS-232/422/485 PCI Communication Card
22-Aug-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com