Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7205EC Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 7205EC
Description  Low Profile PCI Express 2-Port RS-232, RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7205EC Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  7205EC Datasheet HTML 1Page - Sealevel Systems, Inc. 7205EC Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Low Profile PCI Express 2-Port RS-232, RS-422, RS-485 Serial Interface
Part: 7205ec | Model: Ultra COMM+2.PCIe
Features
• Compliant with RoHS and WEEE directives
• Each serial port configurable for RS-232, RS-422 or RS-485
• Electrical interface selection via on-board DIP switch with Windows
device driver override
• Windows driver features software-selectable 250K slew rate limiting to
minimize electromagnetic interference
• Ultra high-speed UART with 256-byte Tx and Rx FIFOs
• Supports asynchronous data rates exceeding 1 Mbps
• Bus-derived 125 MHz BRG and clock prescalar support wide range of
baud rates
• All modem control signals implemented in RS-232 mode
• Automatic RS-485 enable/disable for Windows applications
• PCI Express X1 compliant
• Compatible with low profile PCI Express slots (standard profile slots
with optional bracket)
• Included 36″ cable terminates to two DB-9M connectors (Item# CA203)
Specifications
Operating
Temperature
0°C to 70°C (32°F to 158°F)
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
Serial Connector(s)
DB9M
RoHS Compliant
Yes
# of Ports
2
PC Bracket
Low Profile
Oscillator
125 MHz BRG
Board Connector
DB25M
Cable Connector(s)
DB9M (2)
Max Data Distance
50 feet (RS-232)4000 feet (RS-485)
Host Interface(s)
PCI Express
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Electrical Interface
RS-232, RS-422, RS-485
Dimensions
5.75 (L) x 2.54 (W)
Communications
Chip
Ultra high-speed UART
Max Data Rate
Exceeds 1 Mbps
sealevel.com
+1 864.843.4343
SL9517 F22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com