Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2505FA Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH2505FA
Description  Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2505FA Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH2505FA Datasheet HTML 1Page - OSRAM GmbH SFH2505FA Datasheet HTML 2Page - OSRAM GmbH SFH2505FA Datasheet HTML 3Page - OSRAM GmbH SFH2505FA Datasheet HTML 4Page - OSRAM GmbH SFH2505FA Datasheet HTML 5Page - OSRAM GmbH SFH2505FA Datasheet HTML 6Page - OSRAM GmbH SFH2505FA Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-04-03
2
SFH 2500/FA, SFH 2505/FA
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 2500
Q65110A1201
5-mm-SMR
®-Gehäuse (T 1 3/
4), klares (SFH 2500/2505) und
schwarz eingefärbtes (SFH 2500 FA/2505 FA)
Epoxy-Gießharz, Anschlüsse (SFH 2500/2500 FA gebogen,
SFH 2505/2505 FA gerade) im 2.54-mm-Raster (
1/10’’),
Kathodenkennzeichnung: siehe Maßzeichnung.
5 mm SMR
® package (T 1 3/
4), clear (SFH 2500/2505) and
black-colored (SFH 2500 FA/2505 FA) epoxy resin, solder
tabs (SFH 2500/2500 FA bent, SFH 2505/2505 FA straight)
lead spacing 2.54 mm (
1/10’’),
cathode marking: see package outline.
SFH 2505
Q65110A1203
SFH 2500 FA
Q65110A1202
SFH 2505 FA
Q65110A1204
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 85
°C
Sperrspannung
Reverse voltage
V
R
50
V
Verlustleistung
Total power dissipation
P
tot
100
mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com