Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH482 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH482
Description  GaAlAs-Lumineszenzdioden
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH482 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH482 Datasheet HTML 1Page - OSRAM GmbH SFH482 Datasheet HTML 2Page - OSRAM GmbH SFH482 Datasheet HTML 3Page - OSRAM GmbH SFH482 Datasheet HTML 4Page - OSRAM GmbH SFH482 Datasheet HTML 5Page - OSRAM GmbH SFH482 Datasheet HTML 6Page - OSRAM GmbH SFH482 Datasheet HTML 7Page - OSRAM GmbH SFH482 Datasheet HTML 8Page - OSRAM GmbH SFH482 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2001-10-01
2
SFH 480, SFH 481, SFH 482
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 480
Q62703-Q1087
18 A3 DIN 41876 (TO-18), Anschlüsse im 2.54-mm-Raster
(
1/
10’’), Kathodenkennzeichnung: Nase am Gehäuseboden
18 A3 DIN 41876 (TO-18), lead spacing 2.54 mm (
1/
10’’),
cathode marking: projection at package
SFH 480-2/3
Q62703-Q5195
SFH 481
Q62703-Q1088
SFH 481-1/2
Q62703-Q4752
SFH 481-2/3
Q62703-Q4753
SFH 482
Q62703-Q1089
SFH 482-1/2
Q62703-Q4771
SFH 482-2/3
Q62703-Q4754
SFH 482-M E7800
Q62703-Q2186



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com