Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH480-2/3 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH480-2/3
Description  GaAlAs-Lumineszenzdioden
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH480-2/3 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH480-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 5Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 6Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 7Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 8Page - OSRAM GmbH SFH480-2/3 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFH 480, SFH 481, SFH 482
2001-10-01
7
Relative Spectral Emission
I
rel = f (λ)
Forward Current
, I
F = f (VF)
Single pulse,
t
p = 20 µs
0
750
Ι
rel
OHR00877
800
850
900
950 nm 1000
20
40
60
80
%
100
λ
10
OHR01173
F
V
-3
-2
10
-1
10
0
10
1
10
0
A
Ι
F
1
2
3
4
5
Radiant Intensity
Single pulse,
t
p = 20 µs
Permissible Pulse Handling
Capability
I
F = f (τ), TC = 25 °C,
duty cycle
D = parameter
I
e
I
e 100 mA
=
f (I
F)
10
OHR00878
Ι e
F
Ι
-3
-2
10
-1
10
0
10
1
10
2
10
0
10
10
1
10
2
10
4
mA
e
Ι
(100mA)
3
10
t
OHR00948
p
-5
10
10
2
Ι
F
10
3
10
4
10
-4
10
-3
10
-2
10
-1
10
0
s
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
t p
T
Ι
F
t p
T
D =
5
mA
D =
Max. Permissible Forward Current
SFH 481,
I
F = f (TA, TC)
Max. Permissible Forward Current
SFH 480, SFH 482,
I
F = f (TA, TC)
T
OHR00946
A
0
F
Ι
0
20
40
60
80
100
˚C
40
80
120
160
200
mA
240
, T
C
= 450 K/W
thJA
R
R thJC = 160 K/W
T
OHR00396
A
0
F
Ι
0
˚C
40
80
120
160
200
mA
240
, T
C
= 450 K/W
thJA
R
R thJC = 160 K/W
20
40
60
80
100
130



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com