Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA331 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA331
Description  High efficiency class D codec with integrated audio processing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA331 Datasheet(HTML) 1 Page - STMicroelectronics

  STA331 Datasheet HTML 1Page - STMicroelectronics STA331 Datasheet HTML 2Page - STMicroelectronics STA331 Datasheet HTML 3Page - STMicroelectronics STA331 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2007
Rev 1
1/4
4
STA331
High efficiency class D codec with integrated audio processing
Features
■ High efficiency class D FFXTM technology.
■ Stereo ADC input with integrated microphone
bias
■ Digital/analog I/O muxing and down-mixing
capability
■ Low power architecture
■ I/O supply voltage range: 1.8 V to 3.6 V
■ Programmable GPIO functionalities for micro-
less operation
■ Audio processing libraries:
– tones, WideSurround, StereoEnhancer
– intelligent volume control (MDCR)
– enhanced listening modes (voice, midnight
modes)
– MP3 and WMA decoders (ROM option
only)
– Noise Reduction and Echo Cancellation
(NREC)
– Loudspeaker and cabinet compensation
EQ
– Third parties audio effects
■ Package: LQFP100.
Applications
■ Flat panel TV
■ Home audio stereo
■ Cradle systems
■ Soundbar systems (2.1ch)
■ Loudspeaker compensation
Serial
Flash
SPI
UART
ADC
IN
Audio
PLL
D
M
A
I
N
P
U
T
D
M
A
O
U
T
P
U
T
STA331
ARM7TDMI
64K RAM
ROM
library
Audio Socket Manager
Audio Socket 1
Audio Socket N
I/O Manager
GPIO(9)
I2C
SAI
OUT
FFXTM
Power
bridge
XTI CKOUT
GPIO leds/buttons
SAI
IN
I2S IN1
I2S IN2
I2S IN3
ADC IN
MIC BIAS
I2S OUT
PWM OUT
LOUT
ROUT
www.st.com


Similar Part No. - STA331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
STA33013TR STMICROELECTRONICS-STA33013TR Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 68P
2.1-channel 40-watt high-efficiency digital audio system
18-Sep-2013
STA333BW STMICROELECTRONICS-STA333BW Datasheet
2Mb / 67P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
January 2011 Rev 3
More results

Similar Description - STA331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3007 TI-TLV320AIC3007 Datasheet
1Mb / 98P
LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269 Datasheet
1Mb / 79P
HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269_08 Datasheet
1Mb / 79P
HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269_09 Datasheet
1Mb / 79P
HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
ALC269_09 REALTEK-ALC269_09_02 Datasheet
1Mb / 79P
HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPL
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com