Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185CDR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST75185CDR
Description  Multiple RS-232 drivers and receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CDR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST75185CDR Datasheet HTML 13Page - STMicroelectronics ST75185CDR Datasheet HTML 14Page - STMicroelectronics ST75185CDR Datasheet HTML 15Page - STMicroelectronics ST75185CDR Datasheet HTML 16Page - STMicroelectronics ST75185CDR Datasheet HTML 17Page - STMicroelectronics ST75185CDR Datasheet HTML 18Page - STMicroelectronics ST75185CDR Datasheet HTML 19Page - STMicroelectronics ST75185CDR Datasheet HTML 20Page - STMicroelectronics ST75185CDR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ST75185C
Package mechanical data
17/22
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A2.35
2.65
0.093
0.104
A1
0.1
0.30
0.004
0.012
B0.33
0.51
0.013
0.020
C0.23
0.32
0.009
0.013
D
12.60
13.00
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
k0°
8°0°
8°
ddd
0.100
0.004
SO-20 mechanical data
0016022D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com