Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R140-R140M-0537 Datasheet(PDF) 1 Page - GIACOMINI WATER E-MOTION

Part # R140-R140M-0537
Description  Membrane safety valves R140, R140M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R140-R140M-0537 Datasheet(HTML) 1 Page - GIACOMINI WATER E-MOTION

  R140-R140M-0537 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R140-R140M-0537 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R140-R140M-0537 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R140-R140M-0537 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
0537EN November 2022
Boiler room components
MeMbrane safety valves
r140, r140M
R140
R140M
Description
The Giacomini safety valves of the R140, R140M range are used to avoid
overpressure on the heat generators of the heating system, domestic water
system (protecting the hot water accumulation) and water systems (cold
water drainage). The valves comply with Directive "PED" 2014/68/UE.
Versions and product codes
Series
Product code
Connections
Calibration pressure [bar]
R140
R140Y001
G 1/2"F x G 1/2"F
1,5
R140Y002
2,5
R140Y003
3
R140Y005
3,5
R140Y006
4
R140Y007
4,5
R140Y008
5
R140Y009
6
R140Y010
7
R140Y011
8
R140Y013
10
R140Y020
G 3/4"F x G 3/4"F
2
R140Y021
1,5
R140Y022
2,5
R140Y023
3
R140Y025
3,5
R140Y026
4
R140Y027
4,5
R140Y028
5
R140Y029
6
R140Y031
8
R140Y032
10
R140Y040
G 1"F x G 1"F
2
R140Y042
2,5
R140Y043
3
R140Y045
3,5
R140Y046
4
R140Y047
4,5
R140Y0468
5
R140Y049
6
R140Y051
8
R140Y052
10
R140Y062
G 1-1/4"F x G 1-1/4"F
2,5
R140Y063
3
R140Y065
3,5
R140Y066
4
R140Y067
4,5
R140Y068
5
R140Y069
6
R140M
R140MY003
G 1/2”M x G 1/2"F
3
Technical data
• Fluids: hot water, cold water, air
• Min. allowable temperature (Ts min): 5 °C
• Max. allowable temperature (Ts max): 110 °C
• Max. allowable pressure (Ps): 10 bar
• Open overpressure 20%
• Closure range 20%
• PED cat.: IV
Materials
• Body: brass UNI EN 12165 CW617N
• Membrane: EPDM
• Stem: copper
• Separator: brass UNI EN 12164 CW617N
• Gasket: vegetable fiber
• Spring: steel
• Spring presser: brass UNI EN 12164 CW617N
• Bonnet: brass UNI EN 12165 CW617N
• Knob: POM
Operation
The safety valves are used in hot water thermal systems with a closed
expansion tank, to ensure that the pressure of the fluid in the heat generator
does not exceed the project limits; when the thrust of the pressurised fluid
triggers a return spring on the shutter, the valve discharges a specific amount
of fluid to prevent the defined pressure level from being exceeded, and then
re-closes within the permitted closure range. They can also be used to drain
off cold water in water systems. They are factory-calibrated and the drainage
pressure value cannot be altered.
Installation
Before installing any safety valve, the technical personnel in charge of the
system must size it correctly, in accordance with the current regulations.
The safety valves must be installed in the highest part of the heat generator,
or on the delivery pipe, no more than 1m from the generator. They must be
clearly visible and easy to check. The pipe connecting the safety valve to the
generator must be free of any interception and with a diameter no less than
that of the valve itself. The safety valve drainage must be clearly visible and
channelled into a pipe with a diameter no less than that of the valve itself,
using a funnel (R141 or R141C) if necessary.
Warning.
The safety valves can be assembled vertically or horizontally, but not
upside down (to prevent system impurities from settling); respect the
flow direction indicated by the arrow on the body.
Generatore di calore
Boiler
Generatore di calore
Boiler
Generatore di calore
Boiler
Generatore di calore
Boiler
Generatore di calore
Boiler
Generatore di calore
Boiler
Generatore di calore
Boiler
Generatore di calore
Boiler
Generatore di calore
Boiler
Max. 1m
Generatore di calore
Boiler
R141
0425
CONFORMITY DECLARATION
Frame the QR code with your smartphone or tablet
to view the conformity declaration.


Similar Part No. - R140-R140M-0537

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
R1400800-DVA-KT SEALEVEL-R1400800-DVA-KT Datasheet
301Kb / 2P
Relio R1 Quad-Core QuickStart Kit with 64GB MLC CFast Card
logo
List of Unclassifed Man...
R1401C2NBB ETC2-R1401C2NBB Datasheet
99Kb / 2P
R SERIES SNAP-IN ROCKER SWITCHES
logo
celduc-relais
R1402L13 CELDUC-R1402L13 Datasheet
333Kb / 2P
HIGH VOLTAGE REED RELAY/ DRY CONTACT
logo
NEC
R140B-4 NEC-R140B-4 Datasheet
1Mb / 2P
The highly scalable enterprise server
logo
GIACOMINI WATER E-MOTIO...
R140C-0377 GIACOMINI-R140C-0377 Datasheet
394Kb / 2P
Compact safety valve for solar thermal systems R140C
More results

Similar Description - R140-R140M-0537

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4307-A ETC2-4307-A Datasheet
265Kb / 4P
STANDARD VALVES
4019-A ETC2-4019-A Datasheet
147Kb / 4P
VALVES TRIODES
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
logo
Festo Corporation.
543637 FESTO-543637 Datasheet
71Kb / 1P
Membrane air dryer
4/1/22
543650 FESTO-543650 Datasheet
71Kb / 1P
Membrane air dryer
4/1/22
543652 FESTO-543652 Datasheet
72Kb / 1P
Membrane air dryer
4/1/22
543655 FESTO-543655 Datasheet
73Kb / 1P
Membrane air dryer
4/1/22
543657 FESTO-543657 Datasheet
72Kb / 1P
Membrane air dryer
4/1/22
543659 FESTO-543659 Datasheet
72Kb / 1P
Membrane air dryer
4/1/22
543662 FESTO-543662 Datasheet
72Kb / 1P
Membrane air dryer
4/1/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com