Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH303FA-3/4 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH303FA-3/4
Description  Silicon NPN Phototransistor; with Daylight Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH303FA-3/4 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH303FA-3/4 Datasheet HTML 1Page - OSRAM GmbH SFH303FA-3/4 Datasheet HTML 2Page - OSRAM GmbH SFH303FA-3/4 Datasheet HTML 3Page - OSRAM GmbH SFH303FA-3/4 Datasheet HTML 4Page - OSRAM GmbH SFH303FA-3/4 Datasheet HTML 5Page - OSRAM GmbH SFH303FA-3/4 Datasheet HTML 6Page - OSRAM GmbH SFH303FA-3/4 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2007-04-02
6
SFH 303, SFH 303 FA
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Lötbedingungen
Soldering Conditions
Wellenlöten (TTW)
(nach CECC 00802)
TTW Soldering
(acc. to CECC 00802)
9.0 (0.354)
8.2 (0.323)
25.2 (0.992)
24.2 (0.953)
1.8 (0.071)
1.2 (0.047)
7.8 (0.307)
7.5 (0.295)
11.5 (0.453)
10.9 (0.429)
6.9 (0.272)
5.1 (0.201)
4.8 (0.189)
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)
B
Chip position
Area not flat
GEOY6351
CE
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com