Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH409 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH409
Description  GaAs-IR-Lumineszenzdiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH409 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH409 Datasheet HTML 1Page - OSRAM GmbH SFH409 Datasheet HTML 2Page - OSRAM GmbH SFH409 Datasheet HTML 3Page - OSRAM GmbH SFH409 Datasheet HTML 4Page - OSRAM GmbH SFH409 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SFH 409
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
2003-11-11
1
Wesentliche Merkmale
• GaAs-LED mit sehr hohem Wirkungsgrad
• Hohe Zuverlässigkeit
• Hohe Impulsbelastbarkeit
• Gute spektrale Anpassung an
Si-Fotoempfänger
• Gehäusegleich mit SFH 309, SFH 487
Anwendungen
• IR-Fernsteuerungen von Fernseh-, Rundfunk-
und Videogeräten, Lichtdimmern
• Lichtschranken bis 500 kHz
• Münzzähler
• Sensorik
• Diskrete Optokoppler
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 409
Q62702-P860
3-mm-LED-Gehäuse (T 1), grau eingefärbt, Anschlüsse
im 2.54-mm-Raster (
1/
10’’),
Kathodenkennzeichnung: kürzerer Anschluß
3 mm LED package (T 1), grey-colored epoxy resin,
solder tabs lead spacing 2.54 mm (
1/
10’’),
cathode marking: short lead
SFH 409-2
Q62702-P1002
Features
• Very highly efficient GaAs-LED
• High reliability
• High pulse handling capability
• Good spectral match to silicon photodetectors
• Same package as SFH 309, SFH 487
Applications
• IR remote control for hifi and TV sets, video
tape recorders, dimmers
• Light-reflection switches (max. 500 kHz)
• Coin counters
• Sensor technology
• Discrete optocouplers


Similar Part No. - SFH409

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH409 SIEMENS-SFH409 Datasheet
34Kb / 4P
GaAs Infrared Emitter
logo
OSRAM GmbH
SFH409 OSRAM-SFH409 Datasheet
138Kb / 7P
GaAs-IR-Lumineszenzdiode
logo
Siemens Semiconductor G...
SFH409-1 SIEMENS-SFH409-1 Datasheet
34Kb / 4P
GaAs Infrared Emitter
SFH409-2 SIEMENS-SFH409-2 Datasheet
34Kb / 4P
GaAs Infrared Emitter
logo
OSRAM GmbH
SFH409-2 OSRAM-SFH409-2 Datasheet
138Kb / 7P
GaAs-IR-Lumineszenzdiode
More results

Similar Description - SFH409

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH405 OSRAM-SFH405_12 Datasheet
130Kb / 7P
GaAs-IR-Lumineszenzdiode
SFH409 OSRAM-SFH409_12 Datasheet
138Kb / 7P
GaAs-IR-Lumineszenzdiode
SFH4110 OSRAM-SFH4110 Datasheet
143Kb / 8P
GaAs-IR-Lumineszenzdiode (Mini Sidelooker)
SFH-409 OSRAM-SFH-409 Datasheet
114Kb / 5P
GaAs-IR-Lumineszenzdiode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com