Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424BDA3E Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTS424BDA3E
Description  Memory module temperature sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424BDA3E Datasheet(HTML) 3 Page - STMicroelectronics

  STTS424BDA3E Datasheet HTML 1Page - STMicroelectronics STTS424BDA3E Datasheet HTML 2Page - STMicroelectronics STTS424BDA3E Datasheet HTML 3Page - STMicroelectronics STTS424BDA3E Datasheet HTML 4Page - STMicroelectronics STTS424BDA3E Datasheet HTML 5Page - STMicroelectronics STTS424BDA3E Datasheet HTML 6Page - STMicroelectronics STTS424BDA3E Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTS424
Description
3/7
Figure 1.
Logic diagram
1.
SDA and EVENT are open drain.
1.
SDA and EVENT are open drain.
Table 1.
Signal names
Pin
Symbol
Description
Direction
1
A0
Serial Bus Address selection pin. Can be tied to VSS or VDD. Input
2
A1
Serial Bus Address selection pin. Can be tied to VSS or VDD. Input
3
A2
Serial Bus Address selection pin. Can be tied to VSS or VDD. Input
4VSS
Supply ground.
5SDA(1)
Serial Data.
Input/output
6
SCL
Serial Clock.
Input
7
EVENT(1)
Event output pin. Open drain and active-low.
Output
8VDD
Supply power (2.7V to 3.6V).
AI12947
SDA(1)
VDD
STTS424
VSS
SCL
EVENT(1)
A2
A1
A0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com