Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424CDW3E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTS424CDW3E
Description  Memory module temperature sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424CDW3E Datasheet(HTML) 1 Page - STMicroelectronics

  STTS424CDW3E Datasheet HTML 1Page - STMicroelectronics STTS424CDW3E Datasheet HTML 2Page - STMicroelectronics STTS424CDW3E Datasheet HTML 3Page - STMicroelectronics STTS424CDW3E Datasheet HTML 4Page - STMicroelectronics STTS424CDW3E Datasheet HTML 5Page - STMicroelectronics STTS424CDW3E Datasheet HTML 6Page - STMicroelectronics STTS424CDW3E Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
August 2007
Rev 1
1/7
1
STTS424
Memory module temperature sensor
Features
■ Temperature sensor compliant with JEDEC
JC42.4
Temperature sensor
■ Temperature sensor resolution:
0.25°C (typ)/LSB
■ Temperature sensor accuracy:
– ± 1°C from +75°C to +95°C
– ± 2°C from +40°C to +125°C
– ± 3°C from –40°C to +125°C
■ ADC conversion time: 125ms (max)
■ Supply voltage: 2.7V to 3.6 V
■ Maximum operating supply current: 200µA
■ Hysteresis selectable set points from: 0, 1.5, 3,
6.0°C
■ Ambient temperature sensing range: -40°C to
125°C
Two-wire bus
■ 2-Wire SMBus/I2C -compatible serial interface
■ Supports up to 100kHz transfer rate
Packages
■ 2mm x 3mm DFN8, height: 0.85mm (typ)
■ 4.4mm x 3mm TSSOP8(a)
■ Halogen-free, lead-free
a.
Contact local ST sales office for availability.
DFN8 (DA)
2mm x 3mm
TSSOP8 (DW)
4.4mm x 3mm
www.st.com


Similar Part No. - STTS424CDW3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
438Kb / 51P
Memory module temperature sensor with a 2 Kb SPD EEPROM
12-Jun-2008
STTS424E02BDA3E STMICROELECTRONICS-STTS424E02BDA3E Datasheet
438Kb / 51P
Memory module temperature sensor with a 2 Kb SPD EEPROM
12-Jun-2008
STTS424E02BDA3F STMICROELECTRONICS-STTS424E02BDA3F Datasheet
438Kb / 51P
Memory module temperature sensor with a 2 Kb SPD EEPROM
12-Jun-2008
STTS424E02BDA6E STMICROELECTRONICS-STTS424E02BDA6E Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
More results

Similar Description - STTS424CDW3E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9805 MICROCHIP-MCP9805 Datasheet
529Kb / 34P
Memory Module Digital Temperature Sensor
2005
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
Memory Module Temperature Sensor w/ EEPROM for SPD
2006
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9805 MICROCHIP-MCP9805_13 Datasheet
516Kb / 34P
Memory Module Digital Temperature Sensor
2005-2013
logo
Integrated Device Techn...
TSE2004GB2C0 IDT-TSE2004GB2C0 Datasheet
981Kb / 38P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
logo
List of Unclassifed Man...
KY-028 ETC2-KY-028 Datasheet
231Kb / 7P
Temperature Sensor module
logo
Renesas Technology Corp
TSE2004GB2C0 RENESAS-TSE2004GB2C0 Datasheet
1Mb / 35P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com