Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPCN385L Datasheet(PDF) 2 Page - Winbond

Part # WPCN385L
Description  LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WPCN385L Datasheet(HTML) 2 Page - Winbond

  WPCN385L Datasheet HTML 1Page - Winbond WPCN385L Datasheet HTML 2Page - Winbond WPCN385L Datasheet HTML 3Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.winbond.com
2
Revision 1.0
Features
■
Docking LPC Switch
— Hot plugability
— LPCPD and CLKRUN support
— The connection is controlled by software
— Low switch resistance and propagation delay
— Programmable Clock to Reset Delay
■ Fast Infrared Port (FIR)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— FIR IrDA 1.1 compliant
— HP-SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA and RECS 80
— DMA support: one or two channels
■ Serial Port (SP)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
■ 18 General-Purpose I/O (GPIO) Ports
— Supports IRQ assertion
— Programmable drive type for each output pin (open-
drain, push-pull or output disable)
— Programmable option for internal pull-up resistor on
each input pin
— Output lock option
— Input debounce mechanism
■ LPC System Interface
— 8-bit I/O cycles
— LPCPD and CLKRUN support
— Implements PCI mobile design guide recommenda-
tion (PCI Mobile Design Guide 1.1, Dec. 18, 1998)
■ PC2001 and ACPI 3.0 Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
❏ Relocatable base address
❏ 15 IRQ routing options
❏ Optional 8-bit DMA channels (where applicable)
selected from four possible DMA channels
■ Clock Sources
— 14.318 MHz or 48 MHz clock input
— LPC clock, 0 or 30 MHz to 33 MHz
— 14.318 MHz or 48 MHz clock output to the docking
station
■ Strap Configuration
— Base Address (BADDR) strap to determine the base
address of the Index-Data register pair
— Docking LPC disable (DLPC_DIS) strap to control
the LPC-to-LPC Switch
— Strap Inputs to select testability mode
■ Power Supply
— 3.3V supply operation
— All pins are 5V tolerant, except LPC bus pins
— All pins are back-drive protected, except LPC bus pins
■ Testability
— XOR Tree
— TRI-STATE device pins
Internal Block Diagram
FIR Port
Bus
Interface
LPC Interface
I/O
Serial Port
Serial
Interface
GPIO Ports
Ports
Docking
LPC Switch
Docking LPC
Interface
14.31818 MHz
Clock
Generator
48 MHz
FIR
Interface



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com