Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC02
Description  QUAD 2-INPUT NOR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC02 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC02 Datasheet HTML 1Page - STMicroelectronics 74VHC02 Datasheet HTML 2Page - STMicroelectronics 74VHC02 Datasheet HTML 3Page - STMicroelectronics 74VHC02 Datasheet HTML 4Page - STMicroelectronics 74VHC02 Datasheet HTML 5Page - STMicroelectronics 74VHC02 Datasheet HTML 6Page - STMicroelectronics 74VHC02 Datasheet HTML 7Page - STMicroelectronics 74VHC02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2001
s
HIGH SPEED: tPD = 3.6ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 02
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC02 is an advanced high-speed CMOS
QUAD 2-INPUT NOR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC02
QUAD 2-INPUT NOR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74VHC02M
74VHC02MTR
TSSOP
74VHC02TTR
TSSOP
SOP


Similar Part No. - 74VHC02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02 Datasheet
75Kb / 6P
Quad 2-Input NOR Gate
74VHC02 FAIRCHILD-74VHC02 Datasheet
99Kb / 7P
Quad 2-Input NOR Gate
74VHC02 FAIRCHILD-74VHC02 Datasheet
291Kb / 9P
Quad 2-Input NOR Gate
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
229Kb / 11P
QUAD 2-INPUT NOR GATE
12-Nov-2004
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
Quad 2-input NOR gate
Rev. 01-13 August 2009
More results

Similar Description - 74VHC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com