Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH313FA-2/3 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH313FA-2/3
Description  Silicon NPN Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH313FA-2/3 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH313FA-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH313FA-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH313FA-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH313FA-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH313FA-2/3 Datasheet HTML 5Page - OSRAM GmbH SFH313FA-2/3 Datasheet HTML 6Page - OSRAM GmbH SFH313FA-2/3 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-03-30
4
SFH 313, SFH 313 FA
Directional Characteristics
S
rel = f (ϕ)
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen Ziffern
gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished by
arabian figures.
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
-1
-2
-3
-4
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
I
PCE
2.5
… 5
4
… 8
6.3
… 12.5 ≥ 10
mA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
8
10
12
14
μs
Kollektor-Emitter-
Sättigungsspannung
Collector-emitter saturation
voltage
I
C = IPCEmin
1)
× 0.3,
E
e = 0.5 mW/cm
2
V
CEsat
150
150
150
150
mV
1)
IPCEmin ist der minimale Fotostrom der jeweiligen Gruppe.
1)
IPCEmin is the min. photocurrent of the specified group.
OHF02330
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com