Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1255. Datasheet(PDF) 1 Page - Greenlee Communications

Part # PA1255.
Description  STRIPPER LCCST-58/59/62/6 COAX LC CST-58/59 2- & 3-Level, Adjustable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

PA1255. Datasheet(HTML) 1 Page - Greenlee Communications

  PA1255. Datasheet HTML 1Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Self-regulating tension
Adjust cutting depth on each blade for varying cable thicknesses with the included hex key
Pre-set for common strip lengths
Blades adjust for strip dimensions other than our standard pre-set units
Specifications
Application : For RG58, RG59, RG62 AU & RG6
Blade Type : Adjustable
Preset Strip Length : 0.315 IN Outer Jacket, 0.157 IN Inner Dielectric
Replacement Part : PA2263 Replacement Blade
Type : LC CST, 2 And 3 Level, Adjustable
STRIPPER LCCST-58/59/62/6 COAX
LC CST-58/59 2- & 3-Level, Adjustable
Cat No:
UPC No:
52050513
769328107845


Similar Part No. - PA1255.

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA125 OKAYA-PA125 Datasheet
82Kb / 1P
NOISE SUPPRESSION CAPACITOR
PA125-L OKAYA-PA125-L Datasheet
383Kb / 1P
NOISE SUPPRESSION CAPACITOR
logo
Pulse A Technitrol Comp...
PA1253NL PULSE-PA1253NL Datasheet
101Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS PoE Power Transformers - EP7, EP10 & EP13
PA1253NL PULSE-PA1253NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1253NL PULSE-PA1253NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA1255.

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65686 EPCOS-B65686 Datasheet
118Kb / 4P
PM 74/59
logo
List of Unclassifed Man...
7806A ETC2-7806A Datasheet
105Kb / 4P
Coax - RG-58 Type
PA3240 ETC2-PA3240 Datasheet
44Kb / 2P
CST vario Stripper
logo
Molex Electronics Ltd.
0731795001 MOLEX11-0731795001 Datasheet
28Kb / 1P
50 Ohms, TNC Plug, Crimp, RG-59 and RG-62 Cable
0732555001 MOLEX11-0732555001 Datasheet
30Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-59 and RG-62 Cable
logo
NEC
E585 NEC-E585 Datasheet
709Kb / 2P
NEC LCD 58 Entry Level Large Format Display
logo
PHOENIX CONTACT
CRIMPFOX-M-CX-2 PHOENIX-CRIMPFOX-M-CX-2 Datasheet
50Kb / 3P
Die, for Crimpfox-M, for coaxial connectors (BNC/TNC) RG 58/ 59/ 62/ 71, packed in a serial storage box
logo
Molex Electronics Ltd.
0731795001 MOLEX-0731795001_V01 Datasheet
29Kb / 1P
50 Ohms, TNC Plug, Crimp, RG-59 and RG-62 Cable
0732555001 MOLEX-0732555001_V01 Datasheet
30Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-59 and RG-62 Cable
logo
PHOENIX CONTACT
1703763 PHOENIX-1703763 Datasheet
83Kb / 3P
TVFKC 1,5/ 6-ST YE BD:53-58
12/07/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com