Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1117. Datasheet(PDF) 1 Page - Greenlee Communications

Part # PA1117.
Description  STRIPPER 22-10 AWG PP RETAIL CARD GripP 10 cutter/stripper (22-10 AWG/.34-6 mm2)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

PA1117. Datasheet(HTML) 1 Page - Greenlee Communications

  PA1117. Datasheet HTML 1Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Head of tool and handles designed at optimum 22º angle to prevent awkward wrist bends
Spring-loaded open
Contoured wire stripping areas precision ground for accuracy
Non-scoring strip and smooth wire cutting
Features screw cutter and wire loops embedded in frames
Built-in safety lock
Gripping jaws on front of tool
PA1117 will work on Romex household cable
Not for use on steel or armored wire and cable
Specifications
Application : Strips 22-10 AWG Wire And Cable
Depth : 0.650 IN (17.000 MM)
Jaw Type : Gripping
Overall Length : 7.100 IN (180.000 MM)
Stripping Range : 22 - 10 AWG (0.340 - 6.000 SQ-MM)
Type : GripP 10
Weight : 6.500 OZ (185.000 GM)
Width : 2.250 IN (57.000 MM)
STRIPPER 22-10 AWG PP RETAIL CARD
GripP 10 cutter/stripper (22-10 AWG/.34-6 mm2)
Cat No:
UPC No:
52050609
769328111729


Similar Part No. - PA1117.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1110 MACOM-PA1110 Datasheet
38Kb / 1P
1800-2000 MHz.Ultra Linear Power Amplifier
logo
List of Unclassifed Man...
PA1113 ETC2-PA1113 Datasheet
42Kb / 2P
Strips 28-10 AWG or .8-6.0 mm
logo
Greenlee Communications
PA1118 GREENLEE-PA1118 Datasheet
65Kb / 1P
STRIPPER 30-20 AWG PP RETAIL CARD GripP 20 cutter/stripper (30-20 AWG/.05-.5 mm2)
PA1119 GREENLEE-PA1119 Datasheet
69Kb / 1P
UTP/COAX CUTTER/STRIPPER
More results

Similar Description - PA1117.

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0048 MOLEXKITS-76650-0048 Datasheet
37Kb / 2P
Assorted Wire Nuts, 22-14 AWG, 22-10 AWG and 22-8 AWG
logo
Molex Electronics Ltd.
0194190015 MOLEX4-0194190015 Datasheet
109Kb / 2P
MX150L??10 Circuit Plug for 18-22 AWG Wire
0191600042 MOLEX4-0191600042 Datasheet
96Kb / 2P
Twist Lock Splice for 10-22 AWG Wire
19419-0014 MOLEX11-19419-0014 Datasheet
52Kb / 1P
MX150L 10 Circuit Plug for 18-22 AWG Wire
19419-0017 MOLEX11-19419-0017 Datasheet
51Kb / 1P
MX150L 10 Circuit Plug for 18-22 AWG Wire
0638019200 MOLEX11-0638019200 Datasheet
27Kb / 1P
Bench Top Pneumatic Wire Stripper for 10-32 AWG
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
Communications Cable Stripper/Cutter
logo
TE Connectivity Ltd
34308 TEC-34308 Datasheet
71Kb / 1P
SPLICE, WIRE, CLOSED END 22-10 AWG
logo
Japan Automatic Machine...
HT-510420LW JAM-HT-510420LW Datasheet
289Kb / 8P
CS 10 K – JC-L AWG 26/22/24
07/2022_REV.0
logo
TE Connectivity Ltd
328730 TEC-328730 Datasheet
79Kb / 1P
SPLICE, CLOSED END, WIRE SIZE, 22-10 AWG
REV,AD1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com