Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1913. Datasheet(PDF) 1 Page - Greenlee Communications

Part # PA1913.
Description  UTP STRIPPER/PUNCHDOWN TOOL RETAIL Punchdown stripper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

PA1913. Datasheet(HTML) 1 Page - Greenlee Communications

  PA1913. Datasheet HTML 1Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Self-regulating strip depth
Fast and easy to use
Great for CAT-5, CAT-5e, and CAT-6 data cable
Built-in 110 punchdown (punch only)
Specifications
Application : For Cat5, Cat5e, And Cat6 Data Cable
Length : 4.000 IN (102.000 MM)
Weight : 2.000 OZ (57.000 G)
UTP STRIPPER/PUNCHDOWN TOOL RETAIL
Punchdown stripper
Cat No:
UPC No:
52051290
769328110005


Similar Part No. - PA1913.

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1913.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
logo
Tripp Lite. All Rights ...
T100-001 TRIPPLITE-T100-001 Datasheet
474Kb / 1P
RJ11/RJ12/RJ45 Crimping Tool with Cable Stripper
logo
PANDUIT CORP.
NK6PPG48Y PANDUIT-NK6PPG48Y Datasheet
1Mb / 2P
NetKey짰 Category 6 Punchdown Patch Panels
logo
Molex Electronics Ltd.
63817-1100 MOLEX-63817-1100 Datasheet
985Kb / 4P
Manual Wire Stripper Tool
05-18-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170400 MOLEX-ATS-638170400 Datasheet
301Kb / 3P
Precision Stripper Tool
10-14-09
ATS-640160040 MOLEX-ATS-640160040 Datasheet
108Kb / 2P
Manual Wire Stripper Tool
07-09-12
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
logo
Molex Electronics Ltd.
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com