Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB15F11A Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMB15F11A
Description  1500 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB15F11A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMB15F11A Datasheet HTML 5Page - STMicroelectronics SMB15F11A Datasheet HTML 6Page - STMicroelectronics SMB15F11A Datasheet HTML 7Page - STMicroelectronics SMB15F11A Datasheet HTML 8Page - STMicroelectronics SMB15F11A Datasheet HTML 9Page - STMicroelectronics SMB15F11A Datasheet HTML 10Page - STMicroelectronics SMB15F11A Datasheet HTML 11Page - STMicroelectronics SMB15F11A Datasheet HTML 12Page - STMicroelectronics SMB15F11A Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3
Ordering information
Figure 21. Ordering information scheme
SMB 15 F xx
A
Package:
SMB
Power capability (10 / 1000 µs):
1500 W
Flat package
Stand-off voltage:
VRM
Type:
A : unidirectional
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SMB15FxxA
See Table 6. Marking.
SMB Flat
60 mg
5000
Tape and reel
SMB15FxxA
Ordering information
DS13415 - Rev 1
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com