Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS20 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCS20
Description  SN74HCS20 Dual 4-Input NAND Gate with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS20 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS20 Datasheet HTML 1Page - Texas Instruments SN74HCS20 Datasheet HTML 2Page - Texas Instruments SN74HCS20 Datasheet HTML 3Page - Texas Instruments SN74HCS20 Datasheet HTML 4Page - Texas Instruments SN74HCS20 Datasheet HTML 5Page - Texas Instruments SN74HCS20 Datasheet HTML 6Page - Texas Instruments SN74HCS20 Datasheet HTML 7Page - Texas Instruments SN74HCS20 Datasheet HTML 8Page - Texas Instruments SN74HCS20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1B
NC
1C
1D
1Y
GND
2D
2C
NC
2B
2A
V
CC
2Y
3
SN74HCS20
www.ti.com
SCLS791A – MARCH 2020 – REVISED JUNE 2020
Product Folder Links: SN74HCS20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
D or PW Package
14-Pin SOIC or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
Input
Channel 1, Input A
1B
2
Input
Channel 1, Input B
NC
3, 11
—
Not internally connected
1C
4
Input
Channel 1, Input C
1D
5
Input
Channel 1, Input D
1Y
6
Output
Channel 1, Output Y
GND
7
—
Ground
2Y
8
Output
Channel 2, Output Y
2A
9
Input
Channel 2, Input A
2B
10
Input
Channel 2, Input B
2C
12
Input
Channel 2, Input C
2D
13
Input
Channel 2, Input D
VCC
14
—
Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com