Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB15F16A Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMB15F16A
Description  1500 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB15F16A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SMB15F16A Datasheet HTML 2Page - STMicroelectronics SMB15F16A Datasheet HTML 3Page - STMicroelectronics SMB15F16A Datasheet HTML 4Page - STMicroelectronics SMB15F16A Datasheet HTML 5Page - STMicroelectronics SMB15F16A Datasheet HTML 6Page - STMicroelectronics SMB15F16A Datasheet HTML 7Page - STMicroelectronics SMB15F16A Datasheet HTML 8Page - STMicroelectronics SMB15F16A Datasheet HTML 9Page - STMicroelectronics SMB15F16A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SMB Flat package information
Figure 12. SMB Flat package outline
Table 3. SMB Flat mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.044
A1
0.05
0.002
b
1.95
2.20
0.076
0.087
c
0.15
0.40
0.005
0.016
D
3.30
3.95
0.129
0.156
E
5.20
5.60
0.204
0.221
E1
4.05
4.60
0.159
0.182
G
2.00
0.079
G1
1.20
0.047
L
0.75
1.20
0.029
0.048
L1
0.30
0.012
L2
0.60
0.024
L3
0.02
0.000
V
8°
8°
V1
8°
8°
1. Values in inches are converted from mm and rounded to 3 decimal digits.
SMB15FxxA
Package information
DS13415 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com