Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS21 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS21
Description  SN74HCS21-Q1 Automotive Dual 4-Input AND Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS21 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS21 Datasheet HTML 1Page - Texas Instruments SN74HCS21 Datasheet HTML 2Page - Texas Instruments SN74HCS21 Datasheet HTML 3Page - Texas Instruments SN74HCS21 Datasheet HTML 4Page - Texas Instruments SN74HCS21 Datasheet HTML 5Page - Texas Instruments SN74HCS21 Datasheet HTML 6Page - Texas Instruments SN74HCS21 Datasheet HTML 7Page - Texas Instruments SN74HCS21 Datasheet HTML 8Page - Texas Instruments SN74HCS21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS21-Q1
SCLS761 – FEBRUARY 2020
SN74HCS21-Q1 Automotive Dual 4-Input AND Gates with Schmitt-Trigger Inputs
1
1 Features
1
•
AEC-Q100 Qualified for automotive applications:
–
Device temperature grade 1: –40°C to +125°C,
TA
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classifcation Level C6
•
Wide operating voltage range: 2 V to 6 V
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Low power consumption
–
Typical ICC of 100 nA
–
Typical input leakage current of ±100 nA
•
±7.8-mA output drive at 5 V
2 Applications
•
Combining power good signals
•
Enable digital signals
3 Description
This device contains two independent 4-input AND
Gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A
● B ● C ● D in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS21QPWRQ1
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS21QDRQ1
SOIC (14)
8.70 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Similar Part No. - SN74HCS21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS21 TI1-SN74HCS21 Datasheet
288Kb / 15P
SN74HCS21 Dual 4-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS21 TI1-SN74HCS21 Datasheet
994Kb / 22P
SN74HCS21 Dual 4-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS21 TI2-SN74HCS21 Datasheet
676Kb / 24P
SN74HCS21 Dual 4-Input AND Gates with Schmitt-Trigger Inputs
REVISED JUNE 2020
SN74HCS21-Q1 TI1-SN74HCS21-Q1 Datasheet
290Kb / 16P
SN74HCS21-Q1 Automotive Dual 4-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS21-Q1 TI1-SN74HCS21-Q1 Datasheet
994Kb / 22P
SN74HCS21 Dual 4-Input AND Gates with Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS11-Q1 TI1-SN74HCS11-Q1 Datasheet
214Kb / 15P
SN74HCS11-Q1 Automotive Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI1-SN74HCS00-Q1_V01 Datasheet
340Kb / 18P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI1-SN74HCS08-Q1_V01 Datasheet
874Kb / 20P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS11-Q1 TI1-SN74HCS11-Q1_V01 Datasheet
413Kb / 20P
SN74HCS11-Q1 Automotive Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS21-Q1 TI1-SN74HCS21-Q1 Datasheet
290Kb / 16P
SN74HCS21-Q1 Automotive Dual 4-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS21 TI1-SN74HCS21 Datasheet
288Kb / 15P
SN74HCS21 Dual 4-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS21 TI1-SN74HCS21_V01 Datasheet
994Kb / 22P
SN74HCS21 Dual 4-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V02 Datasheet
1Mb / 27P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI-SN74HCS86-Q1_V02 Datasheet
1Mb / 27P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V03 Datasheet
2Mb / 31P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com