Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS27 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HCS27
Description  SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS27 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS27 Datasheet HTML 6Page - Texas Instruments SN74HCS27 Datasheet HTML 7Page - Texas Instruments SN74HCS27 Datasheet HTML 8Page - Texas Instruments SN74HCS27 Datasheet HTML 9Page - Texas Instruments SN74HCS27 Datasheet HTML 10Page - Texas Instruments SN74HCS27 Datasheet HTML 11Page - Texas Instruments SN74HCS27 Datasheet HTML 12Page - Texas Instruments SN74HCS27 Datasheet HTML 13Page - Texas Instruments SN74HCS27 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
System
Controller
Tamper
Switch 1
RA
SA
Q
R1
Tamper
Indicator
R2
SB
Tamper
Switch 2
RB
10
SN74HCS27
SCLS794A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: SN74HCS27
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
In this application, two 3-input NOR gates are used to create an SR latch as shown in Figure 9. The additional
gate can be used for other applications, or the inputs can be grounded and the channel left unused.
The SN74HCS27 is used to drive the tamper indicator LED and provide one bit of data to the system controller.
When either tamper switch outputs HIGH, the output Q becomes HIGH. This output remains HIGH until the
system controller addresses the event and sends a HIGH signal to any of the R inputs which returns the Q
output back to LOW.
The user can add a small RC to the feedback path of the NOR gates to default the output to a certain state,
which can create slow transition rates. This fact makes the SN74HCS27 ideal for the application because it has
Schmitt-trigger inputs that do not have input transition rate requirements.
9.2 Typical Application
Figure 9. Typical application block diagram
9.2.1 Design Requirements
•
All signals in the system operate at 5 V
•
Avoid unstable state by not having HIGH signals on both inputs
•
Q output is HIGH when any S input is HIGH
–
Q output remains High until any R input is HIGH
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The supply must be capable of sourcing current equal to the total current to be sourced by all outputs of the
SN74HCS27 plus the maximum supply current, ICC, listed in the Electrical Characteristics. The logic device can
only source or sink as much current as it is provided at the supply and ground pins, respectively. Be sure not to
exceed the maximum total current through GND or VCC listed in the Absolute Maximum Ratings.
The SN74HCS27 can drive a load with a total capacitance less than or equal to 50 pF connected to a high-
impedance CMOS input while still meeting all of the datasheet specifications. Larger capacitive loads can be
applied, however it is not recommended to exceed 70 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com