Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS30 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS30
Description  SN74HCS30 Single 8-Input NAND Gate with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS30 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS30 Datasheet HTML 1Page - Texas Instruments SN74HCS30 Datasheet HTML 2Page - Texas Instruments SN74HCS30 Datasheet HTML 3Page - Texas Instruments SN74HCS30 Datasheet HTML 4Page - Texas Instruments SN74HCS30 Datasheet HTML 5Page - Texas Instruments SN74HCS30 Datasheet HTML 6Page - Texas Instruments SN74HCS30 Datasheet HTML 7Page - Texas Instruments SN74HCS30 Datasheet HTML 8Page - Texas Instruments SN74HCS30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS30
SCLS800A – MARCH 2020 – REVISED JUNE 2020
SN74HCS30 Single 8-Input NAND Gate with Schmitt-Trigger Inputs
1
1 Features
1
•
Wide operating voltage range: 2 V to 6 V
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Low power consumption
–
Typical ICC of 100 nA
–
Typical input leakage current of ±100 nA
•
±7.8-mA output drive at 5 V
•
Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
•
Alarm / tamper detect circuit
•
S-R latch
3 Description
This device contains one independent 8-input NAND
gate with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A
● B ● C ● D ● E ● F ● G
● H in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS30PWR
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS30DR
SOIC (14)
8.70 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Similar Part No. - SN74HCS30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS30 TI1-SN74HCS30 Datasheet
288Kb / 15P
SN74HCS30 Single 8-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS30 TI1-SN74HCS30 Datasheet
995Kb / 22P
SN74HCS30 Single 8-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS30 TI2-SN74HCS30 Datasheet
675Kb / 24P
SN74HCS30-Q1 Automotive Single 8-Input NAND Gate with Schmitt-Trigger Inputs
FEBRUARY 2020
SN74HCS30-Q1 TI1-SN74HCS30-Q1 Datasheet
290Kb / 16P
SN74HCS30-Q1 Automotive Single 8-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS30-Q1 TI1-SN74HCS30-Q1 Datasheet
995Kb / 22P
SN74HCS30 Single 8-Input NAND Gate with Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS30

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Texas Instruments
SN74LVC1G132 TI-SN74LVC1G132 Datasheet
270Kb / 13P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G132 TI-SN74LVC1G132_07 Datasheet
468Kb / 15P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G132 TI-SN74LVC1G132_08 Datasheet
497Kb / 15P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74HCS30-Q1 TI1-SN74HCS30-Q1 Datasheet
290Kb / 16P
SN74HCS30-Q1 Automotive Single 8-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS30 TI1-SN74HCS30 Datasheet
288Kb / 15P
SN74HCS30 Single 8-Input NAND Gate with Schmitt-Trigger Inputs
SN74HCS30 TI1-SN74HCS30_V01 Datasheet
995Kb / 22P
SN74HCS30 Single 8-Input NAND Gate with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com