Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9221 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH9221
Description  Reflexlichtschranke mit VCSEL-Sender
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9221 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH9221 Datasheet HTML 2Page - OSRAM GmbH SFH9221 Datasheet HTML 3Page - OSRAM GmbH SFH9221 Datasheet HTML 4Page - OSRAM GmbH SFH9221 Datasheet HTML 5Page - OSRAM GmbH SFH9221 Datasheet HTML 6Page - OSRAM GmbH SFH9221 Datasheet HTML 7Page - OSRAM GmbH SFH9221 Datasheet HTML 8Page - OSRAM GmbH SFH9221 Datasheet HTML 9Page - OSRAM GmbH SFH9221 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SFH 9221
2004-08-30
6
Photocurrent
Kodak 90%
Max. Permissible Forward Current
I
F = f (TA)
Target Radiation characteristics
Ι
rel = f (ϕ) IF =10mA
I
p
I
pmax
----------
fd
()
=
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
I
C;rel
mm
d
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
2040
6080 100
I
F
Τ
°C
0˚
1.0
0.6
0.8
0.2
0˚
0
0.4
100˚
80˚
90˚
0.8
1.0
0.6
0.4
60˚
70˚
50˚
40˚
30˚
20˚
ϕ
10˚
20˚
40˚
60˚
80˚
100˚
120˚
OHF00144
Relative Spectral Sensitivity
Forward Current
I
F = f (VF)
OHF00143
0
IF
F
V
10
-3
-2
10
-1
10
10
0
10
1
10
2
mA
0.5
1
1.5
2
2.5
V
Dark Current
Threshold Current I
th = f (T
Α)
OHF00145
0
Ith
A
T
20
40
60
80
100
˚C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com