Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS72 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74HCS72
Description  SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS72 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS72 Datasheet HTML 9Page - Texas Instruments SN74HCS72 Datasheet HTML 10Page - Texas Instruments SN74HCS72 Datasheet HTML 11Page - Texas Instruments SN74HCS72 Datasheet HTML 12Page - Texas Instruments SN74HCS72 Datasheet HTML 13Page - Texas Instruments SN74HCS72 Datasheet HTML 14Page - Texas Instruments SN74HCS72 Datasheet HTML 15Page - Texas Instruments SN74HCS72 Datasheet HTML 16Page - Texas Instruments SN74HCS72 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1PRE
1Q
1Q
GND
V
CC
2CLR
2D
2PRE
2Q
2Q
GND
V
CC
2CLK
1CLK
0.1 F
Bypass capacitor
placed close to
the device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
Unused inputs
tied to VCC
RX
I/O
Q
*Wake-up Pattern
13
SN74HCS72
www.ti.com
SCLS801A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: SN74HCS72
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
output current.
9.2.3 Application Curve
Figure 13. Application timing diagram
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Absolute Maximum Ratings table. Each VCC terminal should have a bypass capacitor to prevent power
disturbance. For this device, a 0.1-μF capacitor is recommended. It is acceptable to parallel multiple bypass caps
to reject different frequencies of noise. The 0.1-μF and 1-μF capacitors are commonly used in parallel. The
bypass capacitor should be installed as close to the power terminals as possible for best results.
11 Layout
11.1 Layout Guidelines
In many cases, functions or parts of functions of digital logic devices are unused. Some examples are when only
two inputs of a triple-input AND gate are used, or when only 3 of the 4 channels are used. Such input pins should
not be left completely unconnected because the unknown voltages result in undefined operational states.
Specified in Figure 14 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that must be
applied to any particular unused input depends on the function of the device. Generally they are tied to GND or
VCC, whichever makes more sense or is more convenient. It is recommended to float outputs unless the part is a
transceiver. If the transceiver has an output enable pin, it disables the output section of the part when asserted.
This pin keeps the input section of the I/Os from being disabled and floated.
11.2 Layout Example
Figure 14. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com