Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072RBT6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F072RBT6
Description  STM32 Nucleo-64 boards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072RBT6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F072RBT6 Datasheet HTML 1Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 2Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 3Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 4Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 5Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 6Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 7Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 8Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Common features
•
STM32 microcontroller in an LQFP64 or LQFP48 package
•
1 user LED shared with ARDUINO®
•
1 user and 1 reset push-buttons
•
32.768 kHz crystal oscillator
•
Board connectors:
–
ARDUINO® Uno V3 expansion connector
–
ST morpho extension pin headers for full access to all STM32 I/Os
•
Flexible power-supply options: ST-LINK USB VBUS or external sources
•
On-board ST-LINK debugger/programmer with USB re-enumeration capability:
mass storage, Virtual COM port, and debug port
•
Comprehensive free software libraries and examples available with the
STM32Cube MCU Package
•
Support of a wide choice of Integrated Development Environments (IDEs)
including IAR Embedded Workbench®, MDK-ARM, and STM32CubeIDE
Board-specific features
•
External SMPS to generate Vcore logic supply
•
24 MHz or 48 MHz HSE
•
User USB Device full speed, or USB SNK/UFP full speed
•
Cryptography
•
Board connectors:
–
External SMPS experimentation dedicated connector
–
USB Type-C®, Micro-B, or Mini-B connector for the ST-LINK
–
USB Type-C® user connector
–
MIPI® debug connector
Description
The STM32 Nucleo-64 board provides an affordable and flexible way for users
to try out new concepts and build prototypes by choosing from the various
combinations of performance and power consumption features, provided by the
STM32 microcontroller. For the compatible boards, the external SMPS significantly
reduces power consumption in Run mode.
The ARDUINO® Uno V3 connectivity support and the ST morpho headers allow the
easy expansion of the functionality of the STM32 Nucleo open development platform
with a wide choice of specialized shields.
The STM32 Nucleo-64 board does not require any separate probe as it integrates the
ST-LINK debugger/programmer.
The STM32 Nucleo-64 board comes with the STM32 comprehensive free software
libraries and examples available with the STM32Cube MCU Package.
NUCLEO-U545RE-Q example. Boards
with different references show different
layouts. Picture is not contractual.
Product status link
NUCLEO-XXXXCX
NUCLEO-C031C6
NUCLEO-XXXXRX
NUCLEO-F030R8, NUCLEO-F070RB,
NUCLEO-F072RB, NUCLEO-F091RC,
NUCLEO-F103RB, NUCLEO-F302R8,
NUCLEO-F303RE, NUCLEO-F334R8,
NUCLEO-F401RE, NUCLEO-F410RB,
NUCLEO-F411RE, NUCLEO-F446RE,
NUCLEO-G070RB, NUCLEO-G071RB,
NUCLEO-G0B1RE, NUCLEO-G431RB,
NUCLEO-G474RE, NUCLEO-G491RE,
NUCLEO-H503RB, NUCLEO-L010RB,
NUCLEO-L053R8, NUCLEO-L073RZ,
NUCLEO-L152RE, NUCLEO-L452RE,
NUCLEO-L476RG
NUCLEO-XXXXRX-P
NUCLEO-L412RB-P, NUCLEO-L433RC-P,
NUCLEO-L452RE-P
NUCLEO-XXXXRX-Q
NUCLEO-U545RE-Q
STM32 Nucleo-64 boards
NUCLEO
‑XXXXCX NUCLEO‑XXXXRX
NUCLEO
‑XXXXRX‑P NUCLEO-XXXXRX-Q
Data brief
DB2196 - Rev 17 - February 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32F072RBT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
19-Mar-2020
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results

Similar Description - STM32F072RBT6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
STM32 Nucleo-64 boards
UM1956 ETC2-UM1956 Datasheet
781Kb / 31P
STM32 Nucleo-32 boards
logo
STMicroelectronics
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
263Kb / 5P
STM32 Nucleo-64 board
29-Nov-2016
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
STM32 Nucleo-144 boards
26-Nov-2019
NUCLEO-XXXXZX STMICROELECTRONICS-NUCLEO-XXXXZX Datasheet
1Mb / 9P
STM32 Nucleo-144 boards
24-Jun-2021
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
SPI display expansion boards for STM32 Nucleo-64
20-Oct-2021
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V01 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V02 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com