Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9302 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH9302
Description  Gabellichtschranken Slotted Interrupters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9302 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH9302 Datasheet HTML 4Page - OSRAM GmbH SFH9302 Datasheet HTML 5Page - OSRAM GmbH SFH9302 Datasheet HTML 6Page - OSRAM GmbH SFH9302 Datasheet HTML 7Page - OSRAM GmbH SFH9302 Datasheet HTML 8Page - OSRAM GmbH SFH9302 Datasheet HTML 9Page - OSRAM GmbH SFH9302 Datasheet HTML 10Page - OSRAM GmbH SFH9302 Datasheet HTML 11Page - OSRAM GmbH SFH9302 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2001-02-22
12
SFH 9301, SFH 9302, SFH 9303, SFH 9304, SFH 9306
Published by OSRAM Opto Semiconductors GmbH & Co. OHG
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components 1 may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
Löthinweise
Soldering Conditions
Bauform
Type
Tauch-, Schwalllötung
Dip, Wave Soldering
Reflowlötung
Reflow Soldering
Kolbenlötung
Iron Soldering
Peak Temp.
(solderbath)
Max. Time in
peak zone
Peak Temp.
(package
temp.)
Max. Time in
Peak Zone
(Iron temp.)
SFH 930x
260
°C
10 s
n. a.
–
300
°C < 5 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com