Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD262 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LD262
Description  GaAs Infrared Emitter Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD262 Datasheet(HTML) 2 Page - OSRAM GmbH

  LD262 Datasheet HTML 1Page - OSRAM GmbH LD262 Datasheet HTML 2Page - OSRAM GmbH LD262 Datasheet HTML 3Page - OSRAM GmbH LD262 Datasheet HTML 4Page - OSRAM GmbH LD262 Datasheet HTML 5Page - OSRAM GmbH LD262 Datasheet HTML 6Page - OSRAM GmbH LD262 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-04-03
2
LD 260, LD 262
… LD 269
Typ
Type
IRED
pro Zeile
per Row
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 50 mA, tp = 20 ms)
Radiant intensity grouping
1)
Ie (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr
LD 262
2
Q62703Q0070
> 2.5 (typ. 5)
LD 263
3
Q62703Q0071
LD 264
4
Q62703Q0072
LD 265
5
Q62703Q0073
LD 266
6
Q62703Q0074
LD 267
7
Q62703Q0075
LD 268
8
Q62703Q0076
LD 269
9
Q62703Q0077
LD 260
10
Q62703Q0078



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com