Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9340 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH9340
Description  Gabellichtschranke mit Schmitt-Trigger IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9340 Datasheet(HTML) 8 Page - OSRAM GmbH

  SFH9340 Datasheet HTML 1Page - OSRAM GmbH SFH9340 Datasheet HTML 2Page - OSRAM GmbH SFH9340 Datasheet HTML 3Page - OSRAM GmbH SFH9340 Datasheet HTML 4Page - OSRAM GmbH SFH9340 Datasheet HTML 5Page - OSRAM GmbH SFH9340 Datasheet HTML 6Page - OSRAM GmbH SFH9340 Datasheet HTML 7Page - OSRAM GmbH SFH9340 Datasheet HTML 8Page - OSRAM GmbH SFH9340 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2005-02-18
8
SFH 9340, SFH 9341
Löthinweise
Soldering Conditions
Bauform
Type
Tauch-, Schwalllötung
Dip, Wave Soldering
Reflowlötung
Reflow Soldering
Kolbenlötung
Iron Soldering
Peak Temp.
(solderbath)
Max. Time
in Peak
Zone
Peak Temp.
(package
temp.)
Max. Time
in Peak
Zone
(Iron temp.)
Max. Time
SFH 9340
SFH 9341
260
°C
10 s
n.a.
–
300
°C5 s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com