Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS292 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LS292
Description  SN74LS29x Programmable Frequency Dividers and Digital Timers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS292 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LS292 Datasheet HTML 9Page - Texas Instruments SN74LS292 Datasheet HTML 10Page - Texas Instruments SN74LS292 Datasheet HTML 11Page - Texas Instruments SN74LS292 Datasheet HTML 12Page - Texas Instruments SN74LS292 Datasheet HTML 13Page - Texas Instruments SN74LS292 Datasheet HTML 14Page - Texas Instruments SN74LS292 Datasheet HTML 15Page - Texas Instruments SN74LS292 Datasheet HTML 16Page - Texas Instruments SN74LS292 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
0.1 F
5V
VCC
GND
Control
Phase detector
CLR
A
B
Q
C
D
Oscillator
1024
976Hz
1MHz
CLK
TP
16
Z>^294
SN74LS292, SN74LS294
www.ti.com
SDLS153A – JANUARY 1981 – REVISED JANUARY 2016
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
This device is used for configurable frequency, programmable frequency, and timing division as shown in Typical
Application.
9.2 Typical Application
Figure 10. Typical application
9.2.1 Design Requirements
This device does not have balanced output drive. Take care to avoid bus contention because it can sink currents
that would exceed maximum limits. The high drive will also create fast edges into light loads so routing and load
conditions should be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
–
Rise time and fall time specs. See (
Δt/ΔV) in Recommended Operating Conditions.
–
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions.
–
Inputs can go as high as (VI max) in Recommended Operating Conditions at any valid VCC.
2. Recommended Output Conditions:
–
Load currents should not exceed (IOH,IOL) per output. These limits are located in the Recommended
Operating Conditions.
Copyright © 1981–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SN74LS292 SN74LS294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com