Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS628DR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LS628DR
Description  VOLTAGE-CONTROLLED OSCILLATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS628DR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LS628DR Datasheet HTML 5Page - Texas Instruments SN74LS628DR Datasheet HTML 6Page - Texas Instruments SN74LS628DR Datasheet HTML 7Page - Texas Instruments SN74LS628DR Datasheet HTML 8Page - Texas Instruments SN74LS628DR Datasheet HTML 9Page - Texas Instruments SN74LS628DR Datasheet HTML 10Page - Texas Instruments SN74LS628DR Datasheet HTML 11Page - Texas Instruments SN74LS628DR Datasheet HTML 12Page - Texas Instruments SN74LS628DR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9204601M2A
FK
LCCC
20
55
506.98
12.06
2030
NA
81021012A
FK
LCCC
20
55
506.98
12.06
2030
NA
8102101FA
W
CFP
16
25
506.98
26.16
6220
NA
SN74LS624D
D
SOIC
14
50
506.6
8
3940
4.32
SN74LS624D.A
D
SOIC
14
50
506.6
8
3940
4.32
SN74LS624N
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS624N
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS624N.A
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS624N.A
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS628D
D
SOIC
14
50
506.6
8
3940
4.32
SN74LS628D.A
D
SOIC
14
50
506.6
8
3940
4.32
SN74LS628N
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS628N
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS628N.A
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS628N.A
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS629D
D
SOIC
16
40
507
8
3940
4.32
SN74LS629D.A
D
SOIC
16
40
507
8
3940
4.32
SN74LS629N
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS629N
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS629N.A
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS629N.A
N
PDIP
16
25
506
13.97
11230
4.32
SNJ54LS628FK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LS628FK.A
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LS629FK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LS629FK.A
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LS629W
W
CFP
16
25
506.98
26.16
6220
NA
SNJ54LS629W.A
W
CFP
16
25
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com