Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD267 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LD267
Description  GaAs Infrared Emitter Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD267 Datasheet(HTML) 3 Page - OSRAM GmbH

  LD267 Datasheet HTML 1Page - OSRAM GmbH LD267 Datasheet HTML 2Page - OSRAM GmbH LD267 Datasheet HTML 3Page - OSRAM GmbH LD267 Datasheet HTML 4Page - OSRAM GmbH LD267 Datasheet HTML 5Page - OSRAM GmbH LD267 Datasheet HTML 6Page - OSRAM GmbH LD267 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LD 260, LD 262
… LD 269
2007-04-03
3
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 80
°C
Sperrschichttemperatur
Junction temperature
T
j
80
°C
Sperrspannung
Reverse voltage
V
R
5
V
Durchlassstrom
Forward current
I
F
50
mA
Stoßstrom,
τ ≤ 10 μs, D = 0
Surge current
I
FSM
1.6
A
Verlustleistung
Power dissipation
P
tot
70
mW
Wärmewiderstand
Thermal resistance
R
thJA
R
thJL
750
650
K/W
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 50 mA, tp = 20 ms
λ
peak
950
nm
Spektrale Bandbreite bei 50% von
I
max
Spectral bandwidth at 50% of
I
max
I
F = 50 mA, tp = 20 ms
Δλ
55
nm
Abstrahlwinkel
Half angle
ϕ
± 15
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.25
mm
2
Abmessungen der aktiven Chipfläche
Dimension of the active chip area
L × B
L × W
0.5
× 0.5
mm²
Abstand Chipoberfläche bis Linsenscheitel
Distance chip surface to lens top
H
1.3
… 1.9
mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com