Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H523CEU6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32H523CEU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CEU6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32H523CEU6 Datasheet HTML 100Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 101Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 102Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 103Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 104Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 105Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 106Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 107Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 228 page
background image
Electrical characteristics
STM32H523xx
104/228
DS14540 Rev 1
Table 26. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, 2-way instruction cache ON, PREFETCH ON
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
130°C
IDD(Run)
Supply current in
Run mode
All peripherals
disabled
VOS0
250
30.8
33
57
70
-
mA
215
26.7
29
50
63
-
200
24.5
26
47
59
-
VOS1
200
21.3
23
40
49
65
180
19.5
21
37
46
62
168
18.1
19
34
44
60
150
16.2
18
31
40
57
VOS2
150
14.8
16
28
36
49
100
10.3
11
21
28
42
VOS3
100
9.5
10
19
25
36
60
6.1
7
14
19
31
25
3.1
4
9
14
25
All peripherals
enabled
VOS0
250
66.5
69
87
101
-
215
57.4
60
76
90
-
200
53.3
56
71
84
-
VOS1
200
46.5
49
61
72
86
180
42.3
44
56
66
81
150
35.1
37
47
57
72
VOS2
150
32.2
34
43
51
63
100
22.0
23
30
37
49
VOS3
100
20.1
21
27
33
47
60
12.7
14
18
23
36
25
6.0
7
11
15
27
1. Evaluated by characterization - Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com