Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H523CEU6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32H523CEU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CEU6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32H523CEU6 Datasheet HTML 11Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 12Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 13Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 14Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 15Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 16Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 17Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 18Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 228 page
background image
DS14540 Rev 1
15/228
STM32H523xx
Description
17
The devices offer eight packages, from 39 to 144 pins.
Table 2. STM32H523xx features and peripheral counts
Peripherals
Flash memory (Kbytes)
Up to 512
SRAM
System (Kbytes)
272 (128+80+64)
Backup (bytes)
2K
Flexible memory controller for
external memories (FMC)
No
Yes
Yes
OCTOSPI
Yes
Timers
Advanced
control
2(16 bits)
General purpose
2 (32 bits) 4 (16 bits)
Basic
2 (16 bits)
Low power
2 (16 bits)
SysTick timer
2 (24 bits)
Watchdog timers
(independent,
window)
2
Communication
interfaces
SPI / I2S
3/2
4/3
I2C
2
3
I3C
2
USART
2
3
4
UART
2
LPUART
1
FDCAN
2
USB FS
Yes
UCPD
No
Yes
SDMMC
No
Yes
Digital camera
interface (DCMI)
/ PSSI
No
Yes
HDMI-CEC
Yes
Real time clock (RTC)
Yes
Tamper pins
4
4
5
8
8
Active tampers
3
3
4
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com