Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H523CEU6 Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32H523CEU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CEU6 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32H523CEU6 Datasheet HTML 155Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 156Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 157Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 158Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 159Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 160Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 161Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 162Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 228 page
background image
DS14540 Rev 1
159/228
STM32H523xx
Electrical characteristics
197
5.3.18
Octo-SPI interface characteristics
Unless otherwise specified, the parameters given in Table 82 and Table 83 are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
conditions summarized in Table 19, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Refer to Section 5.3.14 for more details on the input/output alternate function
characteristics.
Figure 33. OCTOSPI SDR read/write timing diagram
Table 82. OCTOSPI characteristics in SDR mode(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(CLK)
OCTOSPI clock
frequency
1.71 V < VDD < 3.6 V,
CL = 15 pF
--
110
MHz
2.7 V < VDD < 3.6 V,
CL =15 pF
-
-
150
tw(CLKH) OCTOSPI clock high and
low time, even division
PRESCALER[7:0] = n
(= 0, 1, 3, 5,...,255)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CK)/2 + 0.5
tw(CLKH)
OCTOSPI clock high and
low time, odd division
PRESCALER[7:0] = n
(= 2, 4, 6, ...,254)
(n/2) * t(CLK) /
(n + 1) - 0.5
-
(n/2) * t(CLK)/
(n + 1) + 0.5
tw(CLKL)
(n/2 + 1) * t(CLK)/
(n + 1) - 0.5
-
(n/2 + 1) * t(CLK)/
(n + 1) + 0.5
ts(IN)
Data input setup time
-
4
-
-
th(IN)
Data input hold time
-
1
-
-
tv(OUT) Data output valid time
-
-
0.5
1
th(OUT) Data output hold time
-
0
-
-
1. All values apply to Octal and Quad-SPI mode.
2. Evaluated by characterization - Not tested in production.
3. Delay block bypassed.
MSv36878V3
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com