Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5780 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SCE5780
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5780 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SCE5780 Datasheet HTML 7Page - OSRAM GmbH SCE5780 Datasheet HTML 8Page - OSRAM GmbH SCE5780 Datasheet HTML 9Page - OSRAM GmbH SCE5780 Datasheet HTML 10Page - OSRAM GmbH SCE5780 Datasheet HTML 11Page - OSRAM GmbH SCE5780 Datasheet HTML 12Page - OSRAM GmbH SCE5780 Datasheet HTML 13Page - OSRAM GmbH SCE5780 Datasheet HTML 14Page - OSRAM GmbH SCE5780 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SCE5780
2006-01-23
13
Display Interface to Siemens/Intel 8031
Microprocessor (using serial port in mode 0)
Display Interface to Siemens/Intel 8031
Microprocessor (using one bit of parallel port as serial
port)
Display Interface with Motorola 68HC05C4
Microprocessor (using SPI port)
Cascading Multiple Displays
Multiple displays can be cascaded using the CLKSEL and CLK I/O
pins (Figure „Cascading Multiple Display“). The display designated
as the MasterClock source should have its CLKSEL pin tied high
and the slaves should have their CLKSEL pins tied low. All CLK I/O
pins should be tied together. One display CLK I/O can drive 15
slave CLK I/Os. Use RST to synchronize all display counters.
IDCD5227
XTAL2
RxD
18
10
19
XTAL1
RST
9
17
P3.7
13
P3.3
P3.4
14
8031
U1
TxD
11
SDCLK
RST
LD
GND
CLKSEL
CLK I/O
CC
V
DATA
GND
CC
V
40
ID
0.01 µF
TAN
22 µF
CC
V
VCC
IDCD5228
XTAL2
P3.0
18
10
19
XTAL1
RST
1
8031
U1
SDCLK
RST
LD
GND
CLKSEL
CLK I/O
CC
V
DATA
GND
CC
V
40
ID
0.01 µF
TAN
22 µF
CC
V
VCC
P1.0
9
20
P3.1
11
P3.6
16
P0.0
39
IDCD5229
OSC1
PA0
38
11
39
OSC2
RST
1
68HC05C4
U1
SDCLK
RST
LD
GND
CS
CLK I/O
CC
V
DATA
GND
CC
V
40
ID
0.01 µF
TAN
22 µF
CC
V
VCC
PA2
9
20
PA1
10
SCLK
33
MOSI
32
IDCD5030
RST
CLK SEL
Intelligent Display
CC
V
DATA
SDCLK
LOAD
14 more displays
in between
DATA
SDCLK
Decoder
Address
Address Decode 1-14
A0
A1
A3
RST
CLK I/O
Intelligent Display
DATA
RST
SDCLK
CLK I/O
LOAD
CLK SEL
Chip
0
15
A2
LD
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com