Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5783 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SCE5783
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5783 Datasheet(HTML) 3 Page - OSRAM GmbH

  SCE5783 Datasheet HTML 1Page - OSRAM GmbH SCE5783 Datasheet HTML 2Page - OSRAM GmbH SCE5783 Datasheet HTML 3Page - OSRAM GmbH SCE5783 Datasheet HTML 4Page - OSRAM GmbH SCE5783 Datasheet HTML 5Page - OSRAM GmbH SCE5783 Datasheet HTML 6Page - OSRAM GmbH SCE5783 Datasheet HTML 7Page - OSRAM GmbH SCE5783 Datasheet HTML 8Page - OSRAM GmbH SCE5783 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SCE5780
2006-01-23
3
Maximum Ratings
Parameter
Symbol
Value
Unit
Operating temperature range
1)
T
op
– 40 … + 85
°C
Storage temperature range
T
stg
– 40 … + 100
°C
V
CC, Logic Supply Voltage (non-operating)
V
CC
-0.5 to + 7.0
V
Input Voltage Levels Relative to GND
-0.5 to
V
CC +0.5
V
V
LL, LED Supply Voltage (non-operating)
V
COL
-0.5 to + 5.5
V
Solder temperature
1.59 mm (0.063“) below seating plane, t < 5.0 s
T
S
260
°C
Relative Humidity at 85°C
85
%
Power Dissipation at 70°C
1.7
W
Power Dissipation at 85°C
1.25
W
ESD (100 pF, 1.5 k
Ω)
2.0
kV
Input Current
100
mA
1) For operation at high temperature, see Thermal Considerations (page 10)
Optical Characteristics at 25°C
(V
LL=VCC=5.0 V at 100% brightness level, viewing angle: X axis ± 55°, Y axis ± 65°)
Description
Symbol
Values
Unit
Luminous Intensity
(min.)
(typ.)
I
V
37.5
90.0
75
110
75
190
75
150
120
215
120
150
375
950
µcd/dot
µcd/dot
Peak Wavelength
(typ.)
λ
peak
660
585
630
565
568
610
645
nm
Dominant Wavelength (typ.)
λ
dom
639
583
626
570
574
605
632
nm
Notes:
1. Dot to dot intensity matching at 100% brightness is 1.8:1.
2. Display are binned for hue at 2.0 nm intervals for yellow, green, and high efficiency green.
3. Displays within a given intensity category have an intensity matching of 1.5:1 (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com