Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5784 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SCE5784
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5784 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SCE5784 Datasheet HTML 4Page - OSRAM GmbH SCE5784 Datasheet HTML 5Page - OSRAM GmbH SCE5784 Datasheet HTML 6Page - OSRAM GmbH SCE5784 Datasheet HTML 7Page - OSRAM GmbH SCE5784 Datasheet HTML 8Page - OSRAM GmbH SCE5784 Datasheet HTML 9Page - OSRAM GmbH SCE5784 Datasheet HTML 10Page - OSRAM GmbH SCE5784 Datasheet HTML 11Page - OSRAM GmbH SCE5784 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SCE5780
2006-01-23
8
column data bits. The three most significant bits, D7–D5 represent
the opcode for the row data and the least significant five bits, D4–
D0 represent the column data. See Table „Load Column Data“
(page 9) for the column data format. If an address is loaded before
all seven rows are written, the next column data will be loaded into
Row 0 of the new address. The remaining rows of the old address
are not changed.
Table Charcater „D“
(page 8) shows the Row Address for the
example character, “D.” Column data is written and read asynchro-
nously from the 280 bit RAM. Once loaded, the internal oscillator
and character multiplexer reads the data from the RAM. These
characters are row strobed with column data as shown in Figures
„Row and Column Locations for a Character ’D’“
(page 9) and
„Row Strobing“
(page 10). The character strobe rate is determined
by the internal or user supplied external MUX Clock and the
ICs÷ 320 counter.
Loading Serial Character Data
Character „D“
Row
Op code
D7
D6
D5
Column Data
D4
D3
D2
D1
D0
C0
C1
C2
C3
C4
Hex
0
00
0
11
1
1
0
1E
1
00
0
10
0
0
1
11
2
00
0
10
0
0
1
11
3
00
0
10
0
0
1
11
4
00
0
10
0
0
1
11
5
00
0
10
0
0
1
11
6
00
0
11
1
1
0
1E
Character 0
Character 1
Character 2
Character 3
Character 4
Character 5
Character 6
Character 7
Example: Serial Clock=5.0 MHz, Clock Period=200 ns
Time between LOADS
LOAD
Serial
Clock
DATA
Clock
Period
t0
D0
D1
D2
D3
D4
D5
D6
D7
11 Clock Cycles, 2.2
µs
Time
Between
Loads
600 ns(min)
Character Address
OPCODE
OPCODE
Column Data
D0
D
D1
D
D2
D
D3
D
D4
D
11 Clock Cycles, 2.2
µs
Character 0
Address
Row 0 Column
Data
88 Clock Cycles, 17.6
µs
704 Clock Cycles, 140.8
µs
Row 1 Column
Data
Row 2 Column
Data
Row 3 Column
Data
Row 4 Column
Data
D0
0
D1
0
D2
0
D3
0
D4
0
D5
1
D6
0
D7
1
a.
b.
c.
d.
Row 5 Column
Data
Row 6 Column
Data
D5
0
D6
0
D7
0
Time
Between
Loads
600 ns(min)
OPCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com